Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5C2568 Datasheet (PDF) - Austin Semiconductor

AS5C2568 Datasheet PDF - Austin Semiconductor
Part # AS5C2568
Download  AS5C2568 Download
File Size   149.27 Kbytes
Page   16 Pages
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor
Description 32K x 8 SRAM SRAM MEMORY ARRAY

AS5C2568 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS5C2568 Datasheet PDF - Austin Semiconductor

Part # AS5C2568
Download  AS5C2568 Click to download

File Size   149.27 Kbytes
Page   16 Pages
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor
Description 32K x 8 SRAM SRAM MEMORY ARRAY

AS5C2568 Datasheet (HTML) - Austin Semiconductor


AS5C2568 Product details

GENERAL DESCRIPTION
The Austin Semiconductor SRAM family employs high-speed, low power CMOS designs using a four-transistor memory cell. These SRAMs are fabricated using double-layer metal, double-layer polysilicon technology.

FEATURES
• Access Times: 12, 15, 20, 25, 35, 45, 55, 70, & 100ns
• Battery Backup: 2V data retention
• Low power standby
• High-performance, low-power CMOS double-metal process
• Single +5V (+10%) Power Supply
• Easy memory expansion with CE
• All inputs and outputs are TTL compatible




Similar Part No. - AS5C2568

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS5C2568 AUSTIN-AS5C2568 Datasheet
145Kb / 9P
32K x 8 SRAM SRAM MEMORY ARRAY
AS5C2568 AUSTIN-AS5C2568 Datasheet
267Kb / 9P
32K x 8 SRAM SRAM MEMORY ARRAY
logo
Micross Components
AS5C2568 MICROSS-AS5C2568 Datasheet
217Kb / 17P
Low power standby
logo
Austin Semiconductor
AS5C2568DJ AUSTIN-AS5C2568DJ Datasheet
267Kb / 9P
32K x 8 SRAM SRAM MEMORY ARRAY
AS5C2568DJ-12/883C AUSTIN-AS5C2568DJ-12/883C Datasheet
145Kb / 9P
32K x 8 SRAM SRAM MEMORY ARRAY
More results


Similar Description - AS5C2568

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS5C2568 AUSTIN-AS5C2568 Datasheet
145Kb / 9P
32K x 8 SRAM SRAM MEMORY ARRAY
MT5C1005 AUSTIN-MT5C1005 Datasheet
182Kb / 13P
256K x 4 SRAM SRAM MEMORY ARRAY
AS8S128K32 AUSTIN-AS8S128K32 Datasheet
244Kb / 11P
128K x 32 SRAM SRAM MEMORY ARRAY
AS5C4008 AUSTIN-AS5C4008 Datasheet
333Kb / 17P
512K x 8 SRAM SRAM MEMORY ARRAY
AS8S512K32 AUSTIN-AS8S512K32_03 Datasheet
187Kb / 13P
512K x 32 SRAM SRAM MEMORY ARRAY
MT5C6401 AUSTIN-MT5C6401 Datasheet
132Kb / 10P
64K x 1 SRAM SRAM MEMORY ARRAY
AS5C2568DJ AUSTIN-AS5C2568DJ Datasheet
267Kb / 9P
32K x 8 SRAM SRAM MEMORY ARRAY
AS5C4008 AUSTIN-AS5C4008_05 Datasheet
117Kb / 17P
512K x 8 SRAM SRAM MEMORY ARRAY
AS8S512K32 AUSTIN-AS8S512K32_05 Datasheet
204Kb / 14P
512K x 32 SRAM SRAM MEMORY ARRAY
MT5C1001 AUSTIN-MT5C1001_05 Datasheet
100Kb / 13P
1M x 1 SRAM SRAM MEMORY ARRAY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com