Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5C2568 Datasheet (PDF) - Austin Semiconductor

AS5C2568 Datasheet PDF - Austin Semiconductor
Part # AS5C2568
Download  AS5C2568 Download
File Size   267.75 Kbytes
Page   9 Pages
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor
Description 32K x 8 SRAM SRAM MEMORY ARRAY

AS5C2568 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS5C2568 Datasheet PDF - Austin Semiconductor

Part # AS5C2568
Download  AS5C2568 Click to download

File Size   267.75 Kbytes
Page   9 Pages
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor
Description 32K x 8 SRAM SRAM MEMORY ARRAY

AS5C2568 Datasheet (HTML) - Austin Semiconductor


AS5C2568 Product details

GENERAL DESCRIPTION

The Austin Semiconductor SRAM family employs high-speed, low power CMOS designs using a four-transistor memory cell. These SRAMs are fabricated using double-layer metal, double-layer polysilicon technology.

For flexibility in high-speed memory applications, Austin Semiconductor offers chip enable (CE) and output enable (OE) capability. These enhancements can place the outputs in High-Z for additional flexibility in system design.

Writing to these devices is accomplished when write enable (WE) and CE inputs are both LOW. Reading is accomplished when WE remains HIGH and CE and OE go LOW.

The device offers a reduced power standby mode when disabled. This allows system designs to achieve low standby power requirements.

All devices operate from a single +5V power supply and all inputs and outputs are fully TTL compatible.



FEATURES

• Access Times: 12, 15, & 20ns

• Fast output enable (tDOE) for cache applications

• Low active power: 400 mW (TYP)

• Low power standby

• Fully static operation, no clock or refresh required

• High-performance, low-power CMOS double-metal process

• Single +5V (+10%) Power Supply

• Easy memory expansion with CE

• All inputs and outputs are TTL compatible



 




Similar Part No. - AS5C2568

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS5C2568 AUSTIN-AS5C2568 Datasheet
145Kb / 9P
32K x 8 SRAM SRAM MEMORY ARRAY
AS5C2568 AUSTIN-AS5C2568 Datasheet
149Kb / 16P
32K x 8 SRAM SRAM MEMORY ARRAY
logo
Micross Components
AS5C2568 MICROSS-AS5C2568 Datasheet
217Kb / 17P
Low power standby
logo
Austin Semiconductor
AS5C2568C-12L/883C AUSTIN-AS5C2568C-12L/883C Datasheet
149Kb / 16P
32K x 8 SRAM SRAM MEMORY ARRAY
AS5C2568C-15L/883C AUSTIN-AS5C2568C-15L/883C Datasheet
149Kb / 16P
32K x 8 SRAM SRAM MEMORY ARRAY
More results


Similar Description - AS5C2568

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS5C2568 AUSTIN-AS5C2568 Datasheet
145Kb / 9P
32K x 8 SRAM SRAM MEMORY ARRAY
MT5C1005 AUSTIN-MT5C1005 Datasheet
182Kb / 13P
256K x 4 SRAM SRAM MEMORY ARRAY
AS8S128K32 AUSTIN-AS8S128K32 Datasheet
244Kb / 11P
128K x 32 SRAM SRAM MEMORY ARRAY
AS5C4008 AUSTIN-AS5C4008 Datasheet
333Kb / 17P
512K x 8 SRAM SRAM MEMORY ARRAY
AS8S512K32 AUSTIN-AS8S512K32_03 Datasheet
187Kb / 13P
512K x 32 SRAM SRAM MEMORY ARRAY
MT5C6401 AUSTIN-MT5C6401 Datasheet
132Kb / 10P
64K x 1 SRAM SRAM MEMORY ARRAY
MT5C2568 AUSTIN-MT5C2568 Datasheet
149Kb / 16P
32K x 8 SRAM SRAM MEMORY ARRAY
AS5C4008 AUSTIN-AS5C4008_05 Datasheet
117Kb / 17P
512K x 8 SRAM SRAM MEMORY ARRAY
AS8S512K32 AUSTIN-AS8S512K32_05 Datasheet
204Kb / 14P
512K x 32 SRAM SRAM MEMORY ARRAY
MT5C1001 AUSTIN-MT5C1001_05 Datasheet
100Kb / 13P
1M x 1 SRAM SRAM MEMORY ARRAY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com