Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1736 Datasheet (PDF) - Toshiba Semiconductor

2SA1736 Datasheet PDF - Toshiba Semiconductor
Part # 2SA1736
Download  2SA1736 Download
File Size   195.86 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TRANSISTOR (POWER AMPLIFIER, SWITCHING APPLICATIONS)

2SA1736 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SA1736 Datasheet PDF - Toshiba Semiconductor

Part # 2SA1736
Download  2SA1736 Click to download

File Size   195.86 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TRANSISTOR (POWER AMPLIFIER, SWITCHING APPLICATIONS)

2SA1736 Datasheet (HTML) - Toshiba Semiconductor


2SA1736 Product details

Power Amplifier Applications
Power Switching Applications

•  Low saturation voltage: VCE (sat)= −0.5 V (max) (IC = −1.5 A)
•  High speed switching time: tstg = 0.2 μs (typ.)
•  Small flat package
•  PC= 1.0 to 2.0 W (mounted on a ceramic substrate)
•  Complementary to 2SC4541




Similar Part No. - 2SA1736

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1736 TOSHIBA-2SA1736 Datasheet
167Kb / 5P
Power Amplifier Applications Power Switching Applications
logo
Guangdong Kexin Industr...
2SA1736 KEXIN-2SA1736 Datasheet
431Kb / 3P
Power Switching Applications
logo
Toshiba Semiconductor
2SA1736 TOSHIBA-2SA1736 Datasheet
198Kb / 5P
Power Amplifier Applications Power Switching Applications
2SA1736 TOSHIBA-2SA1736_07 Datasheet
167Kb / 5P
Power Amplifier Applications Power Switching Applications
2SA1736 TOSHIBA-2SA1736_09 Datasheet
198Kb / 5P
Power Amplifier Applications Power Switching Applications
More results


Similar Description - 2SA1736

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1296 TOSHIBA-2SA1296 Datasheet
148Kb / 2P
TRANSISTOR (POWER AMPLIFIER, SWITCHING APPLICATIONS)
2SA1297 TOSHIBA-2SA1297 Datasheet
149Kb / 2P
TRANSISTOR (POWER AMPLIFIER, SWITCHING APPLICATIONS)
2SA1315 TOSHIBA-2SA1315 Datasheet
202Kb / 4P
TRANSISTOR (POWER AMPLIFIER, SWITCHING APPLICATIONS)
2SA1428 TOSHIBA-2SA1428 Datasheet
196Kb / 3P
TRANSISTOR (POWER AMPLIFIER, SWITCHING APPLICATIONS)
2SA1680 TOSHIBA-2SA1680 Datasheet
165Kb / 2P
TRANSISTOR (POWER AMPLIFIER, SWITCHING APPLICATIONS)
2SA1681 TOSHIBA-2SA1681 Datasheet
175Kb / 3P
TRANSISTOR (POWER AMPLIFIER, SWITCHING APPLICATIONS)
2SA1734 TOSHIBA-2SA1734 Datasheet
195Kb / 4P
TRANSISTOR (POWER AMPLIFIER, SWITCHING APPLICATIONS)
2SA1735 TOSHIBA-2SA1735 Datasheet
148Kb / 3P
TRANSISTOR (POWER AMPLIFIER, SWITCHING APPLICATIONS)
2SA1891 TOSHIBA-2SA1891 Datasheet
100Kb / 2P
TRANSISTOR (POWER AMPLIFIER, SWITCHING APPLICATIONS)
2SC2873 TOSHIBA-2SC2873 Datasheet
187Kb / 4P
TRANSISTOR (POWER AMPLIFIER, SWITCHING APPLICATIONS)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com