Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2873 Datasheet (PDF) - Toshiba Semiconductor

2SC2873 Datasheet PDF - Toshiba Semiconductor
Part # 2SC2873
Download  2SC2873 Download
File Size   187.48 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TRANSISTOR (POWER AMPLIFIER, SWITCHING APPLICATIONS)

2SC2873 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC2873 Datasheet PDF - Toshiba Semiconductor

Part # 2SC2873
Download  2SC2873 Click to download

File Size   187.48 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TRANSISTOR (POWER AMPLIFIER, SWITCHING APPLICATIONS)

2SC2873 Datasheet (HTML) - Toshiba Semiconductor


2SC2873 Product details

Power Amplifier Applications
Power Switching Applications

• Low saturation voltage: VCE (sat) = 0.5 V (max) (IC = 1 A)
• High-speed switching time: tstg = 1.0 μs (typ.)
• Small flat package
• PC = 1.0 to 2.0 W (mounted on a ceramic substrate)
• Complementary to 2SA1213




Similar Part No. - 2SC2873

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC2873 KEXIN-2SC2873 Datasheet
63Kb / 2P
Silicon PNP Epitaxial Type
logo
SeCoS Halbleitertechnol...
2SC2873 SECOS-2SC2873 Datasheet
219Kb / 3P
NPN Silicon Epitaxial Planar Transistor
logo
Toshiba Semiconductor
2SC2873 TOSHIBA-2SC2873 Datasheet
163Kb / 5P
Power Amplifier Applications Power Switching Applications
logo
Shenzhen Jin Yu Semicon...
2SC2873 HTSEMI-2SC2873 Datasheet
413Kb / 1P
TRANSISTOR (NPN)
logo
SHENZHEN YONGERJIA INDU...
2SC2873 WINNERJOIN-2SC2873 Datasheet
163Kb / 2P
TRANSISTOR (NPN)
More results


Similar Description - 2SC2873

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1296 TOSHIBA-2SA1296 Datasheet
148Kb / 2P
TRANSISTOR (POWER AMPLIFIER, SWITCHING APPLICATIONS)
2SA1297 TOSHIBA-2SA1297 Datasheet
149Kb / 2P
TRANSISTOR (POWER AMPLIFIER, SWITCHING APPLICATIONS)
2SA1315 TOSHIBA-2SA1315 Datasheet
202Kb / 4P
TRANSISTOR (POWER AMPLIFIER, SWITCHING APPLICATIONS)
2SA1428 TOSHIBA-2SA1428 Datasheet
196Kb / 3P
TRANSISTOR (POWER AMPLIFIER, SWITCHING APPLICATIONS)
2SA1680 TOSHIBA-2SA1680 Datasheet
165Kb / 2P
TRANSISTOR (POWER AMPLIFIER, SWITCHING APPLICATIONS)
2SA1681 TOSHIBA-2SA1681 Datasheet
175Kb / 3P
TRANSISTOR (POWER AMPLIFIER, SWITCHING APPLICATIONS)
2SA1734 TOSHIBA-2SA1734 Datasheet
195Kb / 4P
TRANSISTOR (POWER AMPLIFIER, SWITCHING APPLICATIONS)
2SA1735 TOSHIBA-2SA1735 Datasheet
148Kb / 3P
TRANSISTOR (POWER AMPLIFIER, SWITCHING APPLICATIONS)
2SA1736 TOSHIBA-2SA1736 Datasheet
195Kb / 4P
TRANSISTOR (POWER AMPLIFIER, SWITCHING APPLICATIONS)
2SA1891 TOSHIBA-2SA1891 Datasheet
100Kb / 2P
TRANSISTOR (POWER AMPLIFIER, SWITCHING APPLICATIONS)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com