Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1893 Datasheet (PDF) - Toshiba Semiconductor

2SA1893 Datasheet PDF - Toshiba Semiconductor
Part # 2SA1893
Download  2SA1893 Download
File Size   186.77 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TRANSISTOR (STOROBE FLASH, MEDIUM POWER AMPLIFIER APPLICATIONS)

2SA1893 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SA1893 Datasheet PDF - Toshiba Semiconductor

Part # 2SA1893
Download  2SA1893 Click to download

File Size   186.77 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TRANSISTOR (STOROBE FLASH, MEDIUM POWER AMPLIFIER APPLICATIONS)

2SA1893 Datasheet (HTML) - Toshiba Semiconductor


2SA1893 Product details

Strobe Flash Applications
Audio Power Amplifier Applications

• hFE(1) = 100 to 320 (VCE = −2 V, IC = −0.5 A)
• hFE(2) = 70 (min) (VCE = −2 V, IC = −4 A)
• Low saturation voltage: VCE (sat) = −1.0 V (max) (IC = −4 V, IB = −0.1 A)
• High-power dissipation: PC = 1.3 W




Similar Part No. - 2SA1893

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1893 TOSHIBA-2SA1893 Datasheet
150Kb / 5P
Strobe Flash Applications Audio Power Amplifier Applications
2SA1893 TOSHIBA-2SA1893_06 Datasheet
150Kb / 5P
Strobe Flash Applications Audio Power Amplifier Applications
More results


Similar Description - 2SA1893

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1160 TOSHIBA-2SA1160 Datasheet
153Kb / 2P
TRANSISTOR (STROBE FLASH, MEDIUM POWER AMPLIFIER APPLICATIONS)
2SA1300 TOSHIBA-2SA1300 Datasheet
153Kb / 2P
TRANSISTOR (STROBO FLASH MEDIUM POWER AMPLIFIER APPLICATIONS)
2SA1430 TOSHIBA-2SA1430 Datasheet
157Kb / 2P
STOROBE FLASH, MEDIUM POWER AMPLIFIER APPLICATIONS)
2SA1431 TOSHIBA-2SA1431 Datasheet
156Kb / 2P
TRANSISTOR (STOROBE FLASH, MEDIUM POWER AMPLIFIER APPLICATIONS)
2SA1802 TOSHIBA-2SA1802 Datasheet
87Kb / 1P
TRANSISTOR (STROBE FLASH, MEDIUM POWER AMPLIFIER APPLICATIONS)
2SC2500 TOSHIBA-2SC2500 Datasheet
153Kb / 2P
TRANSISTOR (STROBE FLASH, MEDIUM POWER AMPLIFIER APPLICATIONS)
2SC2982 TOSHIBA-2SC2982 Datasheet
172Kb / 3P
TRANSISTOR (STOROBO FLASH, MEDIUM POWER AMPLIFIER APPLICATIONS)
2SC3072 TOSHIBA-2SC3072 Datasheet
152Kb / 3P
TRANSISTOR (STROBE FLASH, MEDIUM POWER AMPLIFIER APPLICATIONS)
2SC3671 TOSHIBA-2SC3671 Datasheet
155Kb / 2P
NPN EPITAXIAL TYPE (STOROBE FLASH, MEDIUM POWER AMPLIFIER APPLICATIONS)
2SC5030 TOSHIBA-2SC5030 Datasheet
193Kb / 3P
NPN EPITAXIAL TYPE (STOROBE FLASH, MUDIUM POWER AMPLIFIER APPLICATIONS)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com