Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5030 Datasheet (PDF) - Toshiba Semiconductor

2SC5030 Datasheet PDF - Toshiba Semiconductor
Part # 2SC5030
Download  2SC5030 Download
File Size   193.65 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description NPN EPITAXIAL TYPE (STOROBE FLASH, MUDIUM POWER AMPLIFIER APPLICATIONS)

2SC5030 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC5030 Datasheet PDF - Toshiba Semiconductor

Part # 2SC5030
Download  2SC5030 Click to download

File Size   193.65 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description NPN EPITAXIAL TYPE (STOROBE FLASH, MUDIUM POWER AMPLIFIER APPLICATIONS)

2SC5030 Datasheet (HTML) - Toshiba Semiconductor


2SC5030 Product details

Strobe Flash Applications

Medium Power Amplifier Applications



• High DC current gain : hFE (1) = 800 to 3200 (VCE = 2 V, IC = 0.5 A)

                               : hFE (2) = 250 (min) (VCE = 2 V, IC = 4 A)

• Low saturation voltage: VCE (sat) = 0.5 V (max)

                                  (IC = 4 A, IB = 40 mA)

• High collector power dissipation: PC = 1.3 W



 




Similar Part No. - 2SC5030

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5030 TOSHIBA-2SC5030 Datasheet
146Kb / 5P
Strobe Flash Applications
2SC5030 TOSHIBA-2SC5030_04 Datasheet
146Kb / 5P
Strobe Flash Applications
More results


Similar Description - 2SC5030

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1430 TOSHIBA-2SA1430 Datasheet
157Kb / 2P
STOROBE FLASH, MEDIUM POWER AMPLIFIER APPLICATIONS)
2SA1431 TOSHIBA-2SA1431 Datasheet
156Kb / 2P
TRANSISTOR (STOROBE FLASH, MEDIUM POWER AMPLIFIER APPLICATIONS)
2SA1893 TOSHIBA-2SA1893 Datasheet
186Kb / 3P
TRANSISTOR (STOROBE FLASH, MEDIUM POWER AMPLIFIER APPLICATIONS)
2SC3279 TOSHIBA-2SC3279 Datasheet
163Kb / 3P
NPN EPITAXIAL TYPE (STOROBO FLASH, MEDIUM POWER AMPLIFIER APPLICATIONS)
2SC3671 TOSHIBA-2SC3671 Datasheet
155Kb / 2P
NPN EPITAXIAL TYPE (STOROBE FLASH, MEDIUM POWER AMPLIFIER APPLICATIONS)
2SC4681 TOSHIBA-2SC4681 Datasheet
86Kb / 1P
NPN EPITAXIAL TYPE (STROBE FLASH APPLICATIONS MEDIUM POWER AMPLIFIER APPLICATIONS)
2SC4682 TOSHIBA-2SC4682 Datasheet
139Kb / 2P
NPN EPITAXIAL TYPE (STROBE FLASH, MEDIUM POWER AMPLIFIER APPLICATIONS)
2SC4684 TOSHIBA-2SC4684 Datasheet
151Kb / 2P
NPN EPITAXIAL TYPE (STROBE FLASH, MEDIUM POWER AMPLIFIER APPLICATIONS)
2SC4685 TOSHIBA-2SC4685 Datasheet
159Kb / 2P
NPN EPITAXIAL TYPE (STROBE FLASH, MEDIUM POWER AMPLIFIER APPLICATIONS)
SC3279 TOSHIBA-SC3279 Datasheet
150Kb / 2P
NPN EPITAXIAL TYPE (STOROBO FLASH, MEDIUM POWER AMPLIFIER APPLICATIONS)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com