Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8SLC128K32P-20L/IT Datasheet (PDF) - Austin Semiconductor

AS8SLC128K32P-20L/IT Datasheet PDF - Austin Semiconductor
Part # AS8SLC128K32P-20L/IT
Download  AS8SLC128K32P-20L/IT Download
File Size   138.74 Kbytes
Page   10 Pages
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor
Description 128K x 32 SRAM SRAM MEMORY ARRAY

AS8SLC128K32P-20L/IT Datasheet (PDF)

Go To PDF Page Download Datasheet
AS8SLC128K32P-20L/IT Datasheet PDF - Austin Semiconductor

Part # AS8SLC128K32P-20L/IT
Download  AS8SLC128K32P-20L/IT Click to download

File Size   138.74 Kbytes
Page   10 Pages
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor
Description 128K x 32 SRAM SRAM MEMORY ARRAY

AS8SLC128K32P-20L/IT Datasheet (HTML) - Austin Semiconductor


AS8SLC128K32P-20L/IT Product details

GENERAL DESCRIPTION
The Austin Semiconductor, Inc. AS8SLC128K32 is a high speed, 4MB CMOS SRAM multichip module (MCM) designed for full temperature range, 3.3V power supply, military, space, or high reliability mass memory and fast cache applications.

FEATURES
• Fast Access Times of 10 to 25ns
• Overall Configuration: 128K x 32
• 4 Low Power CMOS 128K x 8 SRAMs in one MCM
• +3.3V power supply
• Internal Decoupling Capacitors
• Low Operating Power, 1/2 Previous Generation




Similar Part No. - AS8SLC128K32P-20L/IT

ManufacturerPart #DatasheetDescription
logo
Micross Components
AS8SLC128K32 MICROSS-AS8SLC128K32 Datasheet
141Kb / 10P
Fast Access Times of 10 to 25ns
More results


Similar Description - AS8SLC128K32P-20L/IT

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
MT5C1005 AUSTIN-MT5C1005 Datasheet
182Kb / 13P
256K x 4 SRAM SRAM MEMORY ARRAY
AS8S128K32 AUSTIN-AS8S128K32 Datasheet
244Kb / 11P
128K x 32 SRAM SRAM MEMORY ARRAY
AS8S128K32 AUSTIN-AS8S128K32_03 Datasheet
242Kb / 12P
128K x 32 SRAM SRAM MEMORY ARRAY
AS8S512K32 AUSTIN-AS8S512K32_03 Datasheet
187Kb / 13P
512K x 32 SRAM SRAM MEMORY ARRAY
MT5C6401 AUSTIN-MT5C6401 Datasheet
132Kb / 10P
64K x 1 SRAM SRAM MEMORY ARRAY
AS8S128K32 AUSTIN-AS8S128K32_05 Datasheet
247Kb / 12P
128K x 32 SRAM SRAM MEMORY ARRAY
AS8S512K32 AUSTIN-AS8S512K32_05 Datasheet
204Kb / 14P
512K x 32 SRAM SRAM MEMORY ARRAY
AS8SF384K32 AUSTIN-AS8SF384K32 Datasheet
195Kb / 14P
128K x 16 SRAM & 512K x 16 FLASH SRAM / FLASH MEMORY ARRAY
AS8SLC512K32 AUSTIN-AS8SLC512K32 Datasheet
241Kb / 12P
512K x 32 SRAM SRAM Memory Array MCM
logo
Aeroflex Circuit Techno...
UT8R128K32 AEROFLEX-UT8R128K32 Datasheet
274Kb / 22P
UT8R128K32 128K x 32 SRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com