Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8SLC512K32P-10L/IT Datasheet (PDF) - Austin Semiconductor

AS8SLC512K32P-10L/IT Datasheet PDF - Austin Semiconductor
Part # AS8SLC512K32P-10L/IT
Download  AS8SLC512K32P-10L/IT Download
File Size   241.76 Kbytes
Page   12 Pages
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor
Description 512K x 32 SRAM SRAM Memory Array MCM

AS8SLC512K32P-10L/IT Datasheet (PDF)

Go To PDF Page Download Datasheet
AS8SLC512K32P-10L/IT Datasheet PDF - Austin Semiconductor

Part # AS8SLC512K32P-10L/IT
Download  AS8SLC512K32P-10L/IT Click to download

File Size   241.76 Kbytes
Page   12 Pages
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor
Description 512K x 32 SRAM SRAM Memory Array MCM

AS8SLC512K32P-10L/IT Datasheet (HTML) - Austin Semiconductor


AS8SLC512K32P-10L/IT Product details

GENERAL DESCRIPTION

The Austin Semiconductor, Inc. AS8SLC512K32 is a 3.3V 16 Megabit CMOS SRAM Module organized as 512Kx32 bits. The AS8SLC512K32 achieves very high speed access, low power consumption and high reliability by employing advanced CMOS memory technology. This military temperature grade product is ideally suited for commercial, industrial, and military applications when asynchronous high speed switching and low ACTIVE opening power & ultra Fast Asyn chronous Access is mandated.



FEATURES

• Fast access times: 10, 12, 15, 17 and 20ns

• Fast OE access times: 6ns

• Ultra-low operating power < 1W worst case

• Single +3.3V ±0.3V power supply

• Fully static -- no clock or timing strobes necessary

• All inputs and outputs are TTL-compatible

• Easy memory expansion with CE and OE options

• Automatic CE power down

• High-performance, low-power consumption, CMOS




Similar Part No. - AS8SLC512K32P-10L/IT

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS8SLC512K32PEC AUSTIN-AS8SLC512K32PEC Datasheet
186Kb / 7P
16Mb, 512Kx32 CMOS 3.3V, High Speed Static RAM Integrated Plastic Encapsulated Microcircuit
AS8SLC512K32PEC-12/ET AUSTIN-AS8SLC512K32PEC-12/ET Datasheet
186Kb / 7P
16Mb, 512Kx32 CMOS 3.3V, High Speed Static RAM Integrated Plastic Encapsulated Microcircuit
AS8SLC512K32PEC-12/IT AUSTIN-AS8SLC512K32PEC-12/IT Datasheet
186Kb / 7P
16Mb, 512Kx32 CMOS 3.3V, High Speed Static RAM Integrated Plastic Encapsulated Microcircuit
AS8SLC512K32PEC-12/XT AUSTIN-AS8SLC512K32PEC-12/XT Datasheet
186Kb / 7P
16Mb, 512Kx32 CMOS 3.3V, High Speed Static RAM Integrated Plastic Encapsulated Microcircuit
AS8SLC512K32PEC-15/ET AUSTIN-AS8SLC512K32PEC-15/ET Datasheet
186Kb / 7P
16Mb, 512Kx32 CMOS 3.3V, High Speed Static RAM Integrated Plastic Encapsulated Microcircuit
More results


Similar Description - AS8SLC512K32P-10L/IT

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
89C1632 MAXWELL-89C1632 Datasheet
198Kb / 13P
16 Megabit (512K x 32-Bit) MCM SRAM
89LV1632 MAXWELL-89LV1632 Datasheet
198Kb / 12P
16 Megabit (512K x 32-Bit) Low Voltage MCM SRAM
logo
Austin Semiconductor
AS8S128K32 AUSTIN-AS8S128K32 Datasheet
244Kb / 11P
128K x 32 SRAM SRAM MEMORY ARRAY
AS5C4008 AUSTIN-AS5C4008 Datasheet
333Kb / 17P
512K x 8 SRAM SRAM MEMORY ARRAY
AS8S128K32 AUSTIN-AS8S128K32_03 Datasheet
242Kb / 12P
128K x 32 SRAM SRAM MEMORY ARRAY
AS8S512K32 AUSTIN-AS8S512K32_03 Datasheet
187Kb / 13P
512K x 32 SRAM SRAM MEMORY ARRAY
AS5C4008 AUSTIN-AS5C4008_05 Datasheet
117Kb / 17P
512K x 8 SRAM SRAM MEMORY ARRAY
AS8S128K32 AUSTIN-AS8S128K32_05 Datasheet
247Kb / 12P
128K x 32 SRAM SRAM MEMORY ARRAY
AS8S512K32 AUSTIN-AS8S512K32_05 Datasheet
204Kb / 14P
512K x 32 SRAM SRAM MEMORY ARRAY
AS8SLC128K32 AUSTIN-AS8SLC128K32 Datasheet
138Kb / 10P
128K x 32 SRAM SRAM MEMORY ARRAY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com