Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6884-700 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

6884-700 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # 6884-700
Download  6884-700 Download
File Size   75.39 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Microwave Amplifier 2.0 to 12.0 GHz

6884-700 Datasheet (PDF)

Go To PDF Page Download Datasheet
6884-700 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # 6884-700
Download  6884-700 Click to download

File Size   75.39 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Microwave Amplifier 2.0 to 12.0 GHz

6884-700 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


6884-700 Product details

Description
The 6884-700 microwave amplifier is a hybrid design, which utilizes GaAs MMIC technology and thin film manufacturing processes for accurate performance and high reliability.
This amplifier design displays an impressive combination of performance characteristics over a broadband frequency range. The MIC style package is hermetically sealed, and incorporates field replaceable SMA Connectors.

Features
• ULTRAWIDE BANDWIDTH: 1.5 to 16.0 GHz (TYP.)
• HIGH GAIN: 27.0 dB (TYP.)
• POWER OUTPUT: +14.2 dBM (TYP)
• NOISE FIGURE: 2.7 dB (TYP)
• INTERNAL VOLTAGE REGULATION
• FIELD REPLACEABLE SMA RF CONNECTORS




Similar Part No. - 6884-700

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
6884-700 MACOM-6884-700 Datasheet
127Kb / 2P
Microwave Amplifier 2.0 to 12.0 GHz
More results


Similar Description - 6884-700

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
6884-700 MACOM-6884-700 Datasheet
127Kb / 2P
Microwave Amplifier 2.0 to 12.0 GHz
logo
Micronetics, Inc.
B24A MICRONETICS-B24A Datasheet
270Kb / 1P
Double Balanced Mixers 2.0 to 12.0 GHz
B24H MICRONETICS-B24H Datasheet
270Kb / 1P
Double Balanced Mixers 2.0 to 12.0 GHz
B24K MICRONETICS-B24K Datasheet
270Kb / 1P
Double Balanced Mixers 2.0 to 12.0 GHz
B24V MICRONETICS-B24V Datasheet
270Kb / 1P
Double Balanced Mixers 2.0 to 12.0 GHz
logo
Teledyne Technologies I...
A2CP12024 TELEDYNE-A2CP12024 Datasheet
104Kb / 1P
6.0 TO 12.0 GHz COUGARPAK??AMPLIFIER
A2CP12026 TELEDYNE-A2CP12026 Datasheet
151Kb / 2P
6.0 TO 12.0 GHz COUGARPAK AMPLIFIER
ACP12013 TELEDYNE-ACP12013 Datasheet
102Kb / 1P
6.0 TO 12.0 GHz COUGARPAK AMPLIFIER
ACP12017 TELEDYNE-ACP12017 Datasheet
146Kb / 2P
6.0 TO 12.0 GHz COUGARPAK AMPLIFIER
ACP12019 TELEDYNE-ACP12019 Datasheet
145Kb / 2P
6.0 TO 12.0 GHz COUGARPAK AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com