Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B24K Datasheet (PDF) - Micronetics, Inc.

B24K Datasheet PDF - Micronetics, Inc.
Part # B24K
Download  B24K Download
File Size   270.35 Kbytes
Page   1 Pages
Manufacturer  MICRONETICS [Micronetics, Inc.]
Direct Link  http://www.micronetics.com
Logo MICRONETICS - Micronetics, Inc.
Description Double Balanced Mixers 2.0 to 12.0 GHz

B24K Datasheet (PDF)

Go To PDF Page Download Datasheet
B24K Datasheet PDF - Micronetics, Inc.

Part # B24K
Download  B24K Click to download

File Size   270.35 Kbytes
Page   1 Pages
Manufacturer  MICRONETICS [Micronetics, Inc.]
Direct Link  http://www.micronetics.com
Logo MICRONETICS - Micronetics, Inc.
Description Double Balanced Mixers 2.0 to 12.0 GHz

B24K Datasheet (HTML) - Micronetics, Inc.




Similar Part No. - B24K

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
B24 DBLECTRO-B24 Datasheet
259Kb / 1P
FEMALE HEADER PROFILE : 5.0mm DUAL-ENTRY TYPE
logo
Magnetrol International...
B24-1B10-CKP MAGNETROL-B24-1B10-CKP Datasheet
499Kb / 36P
External Cage Float Actuated Liquid Level Switches
B24-1B10-JEG MAGNETROL-B24-1B10-JEG Datasheet
499Kb / 36P
External Cage Float Actuated Liquid Level Switches
B24-1B10-KOG MAGNETROL-B24-1B10-KOG Datasheet
256Kb / 8P
C24, C25, Boiler and Water Column Liquid Level Switches
logo
Diodes Incorporated
B240 DIODES-B240 Datasheet
45Kb / 2P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13004 Rev. E-2
More results


Similar Description - B24K

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
B20A MICRONETICS-B20A Datasheet
270Kb / 1P
Double Balanced Mixers 2.0 to 8.0 GHz
B20H MICRONETICS-B20H Datasheet
270Kb / 1P
Double Balanced Mixers 2.0 to 8.0 GHz
B20K MICRONETICS-B20K Datasheet
270Kb / 1P
Double Balanced Mixers 2.0 to 8.0 GHz
B20V MICRONETICS-B20V Datasheet
270Kb / 1P
Double Balanced Mixers 2.0 to 8.0 GHz
B21A MICRONETICS-B21A Datasheet
270Kb / 1P
Triple Balanced Mixers 2.0 to 8.0 GHz
B22Q MICRONETICS-B22Q Datasheet
270Kb / 1P
Triple Balanced Mixers 2.0 to 8.0 GHz
B24A MICRONETICS-B24A Datasheet
270Kb / 1P
Double Balanced Mixers 2.0 to 12.0 GHz
B24H MICRONETICS-B24H Datasheet
270Kb / 1P
Double Balanced Mixers 2.0 to 12.0 GHz
B24V MICRONETICS-B24V Datasheet
270Kb / 1P
Double Balanced Mixers 2.0 to 12.0 GHz
logo
Teledyne Technologies I...
MMP12244 TELEDYNE-MMP12244 Datasheet
155Kb / 2P
2.0 TO 12.0 GHz COUGAR MIXERPAK DOUBLE-BALANCED MIXER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com