Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A5-6 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

A5-6 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # A5-6
Download  A5-6 Download
File Size   1341.06 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Cascadable Amplifier 5 to 600 MHz

A5-6 Datasheet (PDF)

Go To PDF Page Download Datasheet
A5-6 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # A5-6
Download  A5-6 Click to download

File Size   1341.06 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Cascadable Amplifier 5 to 600 MHz

A5-6 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


A5-6 Product details

Description
The A5-6 RF amplifier is a discrete hybrid design, which uses thin film manufacturing processes for accurate performance and high reliability.
This single stage bipolar transistor feedback amplifier design displays impressive performance over a broadband frequency range. Both TO-8 and Surface Mount packages are Hermetically sealed, and MIL-STD-883 environmental screening is available.

Features
• FLAT BANDWIDTH: ±.2 dB (TYP.)
• LOW VSWR: 1.3:1 (TYP.)
• WIDE POWER SUPPLY RANGE: +8 to +15 VOLTS




Similar Part No. - A5-6

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A5-6 MACOM-A5-6 Datasheet
365Kb / 2P
Cascadable Amplifier 5 to 600 MHz
logo
M/A-COM Technology Solu...
A5-6 MA-COM-A5-6 Datasheet
646Kb / 3P
Cascadable Amplifier
A5-6-SMA5-6 MA-COM-A5-6-SMA5-6 Datasheet
1Mb / 2P
Cascadable Amplifier
More results


Similar Description - A5-6

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A21-1 MACOM-A21-1 Datasheet
107Kb / 1P
5 TO 1200 MHz CASCADABLE AMPLIFIER
A67-1 MACOM-A67-1 Datasheet
100Kb / 1P
10 TO 600 MHz CASCADABLE AMPLIFIER
SMA73 MACOM-SMA73 Datasheet
103Kb / 1P
5 TO 500 MHz CASCADABLE AMPLIFIER
A76-1 MACOM-A76-1 Datasheet
109Kb / 1P
5 TO 500 MHZ CASCADABLE AMPLIFIER
A77-1 MACOM-A77-1 Datasheet
104Kb / 1P
5 TO 600 MHz CASCADABLE AMPLIFIER
A5-6 MACOM-A5-6 Datasheet
365Kb / 2P
Cascadable Amplifier 5 to 600 MHz
A67-1 MACOM-A67-1_1 Datasheet
385Kb / 2P
Cascadable Amplifier 10 to 600 MHz
A77-1 MACOM-A77-1_1 Datasheet
389Kb / 2P
Cascadable Amplifier 5 to 600 MHz
logo
M/A-COM Technology Solu...
A67-1 MA-COM-A67-1 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 600 MHz
A67-1 MA-COM-A67-1_15 Datasheet
649Kb / 3P
Cascadable Amplifier 10 to 600 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com