Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A34 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

A34 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # A34
Download  A34 Download
File Size   1336.59 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Cascadable Amplifier 100 to 2000 MHz

A34 Datasheet (PDF)

Go To PDF Page Download Datasheet
A34 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # A34
Download  A34 Click to download

File Size   1336.59 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Cascadable Amplifier 100 to 2000 MHz

A34 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


A34 Product details

Description
The A34 RF amplifier is a discrete hybrid design, which uses thin film manufacturing processes for consistent performance and high reliability.
This 2 stage bipolar transistor feedback amplifier design displays impressive performance over a broadband frequency range. An active DC biasing network insures temperature-stable performance.
Both TO-8 and Surface Mount packages are hermetically sealed, and MIL-STD-883 environmental screening is available

Features
• HIGH GAIN—TWO STAGES: 16 dB (TYP.)
• ULTRALOW PHASE DEVIATION FROM LINEARITY: <±3° ; 500-200 MHz
• LOW VSWR:<1.5:1 (TYP.)
• MEDIUM LEVEL OUTPUT: +7 dBm (TYP.)




Similar Part No. - A34

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A34 MACOM-A34 Datasheet
107Kb / 1P
100 TO 2000 MHz CASCADABLE AMPLIFIER
logo
DB Lectro Inc
A34 DBLECTRO-A34 Datasheet
322Kb / 1P
SINGLE ROW EDGE CARD IDC TYPE
logo
Tyco Electronics
A34 MACOM-A34 Datasheet
377Kb / 2P
Cascadable Amplifier 100 to 2000 MHz
logo
M/A-COM Technology Solu...
A34 MA-COM-A34 Datasheet
638Kb / 3P
Cascadable Amplifier 100 to 2000 MHz
logo
M-System Co.,Ltd.
A34 MSYSTEM-A34 Datasheet
113Kb / 3P
DIN RAIL MOUNTING ADAPTER
More results


Similar Description - A34

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A32 MACOM-A32 Datasheet
112Kb / 1P
100 TO 2000 MHz CASCADABLE AMPLIFIER
A32-1 MACOM-A32-1 Datasheet
375Kb / 2P
Cascadable Amplifier 100 to 2000 MHz
RA36 MACOM-RA36 Datasheet
496Kb / 2P
Cascadable Amplifier 100 to 2000 MHz
A32 MACOM-A32_1 Datasheet
368Kb / 2P
Cascadable Amplifier 100 to 2000 MHz
A34 MACOM-A34_1 Datasheet
377Kb / 2P
Cascadable Amplifier 100 to 2000 MHz
A36 MACOM-A36 Datasheet
370Kb / 2P
Cascadable Amplifier 100 to 2000 MHz
logo
M/A-COM Technology Solu...
SMA31-1 MA-COM-SMA31-1 Datasheet
1Mb / 2P
Cascadable Amplifier 100 to 2000 MHz
SMA32-1 MA-COM-SMA32-1 Datasheet
1Mb / 2P
Cascadable Amplifier 100 to 2000 MHz
RA36 MA-COM-RA36 Datasheet
1Mb / 2P
Cascadable Amplifier 100 to 2000 MHz
A32 MA-COM-A32 Datasheet
648Kb / 3P
Cascadable Amplifier 100 to 2000 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com