Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A34 Datasheet (PDF) - Tyco Electronics

A34 Datasheet PDF - Tyco Electronics
Part # A34
Download  A34 Download
File Size   107.07 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 100 TO 2000 MHz CASCADABLE AMPLIFIER

A34 Datasheet (PDF)

Go To PDF Page Download Datasheet
A34 Datasheet PDF - Tyco Electronics

Part # A34
Download  A34 Click to download

File Size   107.07 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 100 TO 2000 MHz CASCADABLE AMPLIFIER

A34 Datasheet (HTML) - Tyco Electronics


A34 Product details

Description
The A34 RF amplifier is a discrete hybrid design, which uses thin film manufacturing processes for consistent performance and high reliability.
This 2 stage bipolar transistor feedback amplifier design displays impressive performance over a broadband frequency range. An active DC biasing network insures temperature-stable performance.
Both TO-8 and Surface Mount packages are hermetically sealed, and MIL-STD-883 environmental screening is available

Features
• HIGH GAIN—TWO STAGES: 16 dB (TYP.)
• ULTRALOW PHASE DEVIATION FROM LINEARITY: <±3° ; 500-200 MHz
• LOW VSWR:<1.5:1 (TYP.)
• MEDIUM LEVEL OUTPUT: +7 dBm (TYP.)




Similar Part No. - A34

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
A34 DBLECTRO-A34 Datasheet
322Kb / 1P
SINGLE ROW EDGE CARD IDC TYPE
logo
Tyco Electronics
A34 MACOM-A34 Datasheet
377Kb / 2P
Cascadable Amplifier 100 to 2000 MHz
logo
M/A-COM Technology Solu...
A34 MA-COM-A34 Datasheet
1Mb / 2P
Cascadable Amplifier 100 to 2000 MHz
A34 MA-COM-A34 Datasheet
638Kb / 3P
Cascadable Amplifier 100 to 2000 MHz
logo
M-System Co.,Ltd.
A34 MSYSTEM-A34 Datasheet
113Kb / 3P
DIN RAIL MOUNTING ADAPTER
More results


Similar Description - A34

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A32 MACOM-A32 Datasheet
112Kb / 1P
100 TO 2000 MHz CASCADABLE AMPLIFIER
A32-1 MACOM-A32-1 Datasheet
375Kb / 2P
Cascadable Amplifier 100 to 2000 MHz
RA36 MACOM-RA36 Datasheet
496Kb / 2P
Cascadable Amplifier 100 to 2000 MHz
A32 MACOM-A32_1 Datasheet
368Kb / 2P
Cascadable Amplifier 100 to 2000 MHz
A34 MACOM-A34_1 Datasheet
377Kb / 2P
Cascadable Amplifier 100 to 2000 MHz
A36 MACOM-A36 Datasheet
370Kb / 2P
Cascadable Amplifier 100 to 2000 MHz
logo
M/A-COM Technology Solu...
SMA31-1 MA-COM-SMA31-1 Datasheet
1Mb / 2P
Cascadable Amplifier 100 to 2000 MHz
SMA32-1 MA-COM-SMA32-1 Datasheet
1Mb / 2P
Cascadable Amplifier 100 to 2000 MHz
SMA34 MA-COM-SMA34 Datasheet
1Mb / 2P
Cascadable Amplifier 100 to 2000 MHz
A32 MA-COM-A32 Datasheet
648Kb / 3P
Cascadable Amplifier 100 to 2000 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com