Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB1375 Datasheet (PDF) - Toshiba Semiconductor

2SB1375 Datasheet PDF - Toshiba Semiconductor
Part # 2SB1375
Download  2SB1375 Download
File Size   157.7 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TRANSISTOR (AUDIO FREQUENCY POWER AMPLIFIER)

2SB1375 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SB1375 Datasheet PDF - Toshiba Semiconductor

Part # 2SB1375
Download  2SB1375 Click to download

File Size   157.7 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TRANSISTOR (AUDIO FREQUENCY POWER AMPLIFIER)

2SB1375 Datasheet (HTML) - Toshiba Semiconductor


2SB1375 Product details

Audio Frequency Power Amplifier

• Low saturation voltage: VCE (sat) = −1.5 V (max)
                                        (IC = −2 A, IB = −0.2 A)
• High power dissipation: PC = 25 W (Tc = 25°C)
• Collector metal (fin) is covered with mold resin
• Complementary to 2SD2012




Similar Part No. - 2SB1375

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SB1375 TOSHIBA-2SB1375 Datasheet
142Kb / 5P
Silicon PNP Triple Diffused Type
logo
Savantic, Inc.
2SB1375 SAVANTIC-2SB1375 Datasheet
247Kb / 4P
Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SB1375 JMNIC-2SB1375 Datasheet
200Kb / 4P
Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2SB1375 ISC-2SB1375 Datasheet
170Kb / 4P
Silicon PNP Power Transistors
logo
Savantic, Inc.
2SB1375 SAVANTIC-2SB1375 Datasheet
249Kb / 4P
Silicon PNP Power Transistors
More results


Similar Description - 2SB1375

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE104 NTE-NTE104 Datasheet
20Kb / 2P
Germanium PNP Transistor Audio Frequency Power Amplifier
NTE121 NTE-NTE121 Datasheet
20Kb / 2P
Germanium PNP Transistor Audio Frequency Power Amplifier
logo
Toshiba Semiconductor
2SA1358 TOSHIBA-2SA1358 Datasheet
155Kb / 2P
TRANSISTOR (AUDIO FREQUENCY POWER AMPLIFIER APPLICATIONS)
2SB1015A TOSHIBA-2SB1015A Datasheet
148Kb / 3P
TRANSISTOR (AUDIO FREQUENCY POWER AMPLIFIER APPLICATIONS)
2SB1642 TOSHIBA-2SB1642 Datasheet
145Kb / 2P
TRANSISTOR (AUDIO FREQUENCY POWER AMPLIFIER APPLICATIONS)
2SB1667 TOSHIBA-2SB1667 Datasheet
123Kb / 3P
TRANSISTOR (AUDIO FREQUENCY POWER AMPLIFIER APPLICATIONS)
2SB906 TOSHIBA-2SB906 Datasheet
150Kb / 3P
TRANSISTOR (AUDIO FREQUENCY POWER AMPLIFIER APPLICATIONS)
logo
Fairchild Semiconductor
KSA1220 FAIRCHILD-KSA1220 Datasheet
76Kb / 5P
Audio Frequency Power Amplifier High Frequency Power Amplifier
KSB772 FAIRCHILD-KSB772 Datasheet
76Kb / 5P
Audio Frequency Power Amplifier
KSA1220AYS FAIRCHILD-KSA1220AYS Datasheet
82Kb / 5P
Audio Frequency Power Amplifier High Frequency Power Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com