Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB1375 Datasheet (PDF) - Inchange Semiconductor Company Limited

2SB1375 Datasheet PDF - Inchange Semiconductor Company Limited
Part # 2SB1375
Download  2SB1375 Download
File Size   170.91 Kbytes
Page   4 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Silicon PNP Power Transistors

2SB1375 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SB1375 Datasheet PDF - Inchange Semiconductor Company Limited

Part # 2SB1375
Download  2SB1375 Click to download

File Size   170.91 Kbytes
Page   4 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Silicon PNP Power Transistors

2SB1375 Datasheet (HTML) - Inchange Semiconductor Company Limited


2SB1375 Product details

DESCRIPTION
• With TO-220F package
• Complement to type 2SD2012
• Low collector saturation voltage:
   VCE(SAT)=-1.5V(Max) at IC=-2A,IB=-0.2A
• Collector power dissipation:
   PC=25W(TC=25℃)

APPLICATIONS
• Audio frequency power amplifier 




Similar Part No. - 2SB1375

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SB1375 TOSHIBA-2SB1375 Datasheet
157Kb / 2P
TRANSISTOR (AUDIO FREQUENCY POWER AMPLIFIER)
2SB1375 TOSHIBA-2SB1375 Datasheet
142Kb / 5P
Silicon PNP Triple Diffused Type
logo
Savantic, Inc.
2SB1375 SAVANTIC-2SB1375 Datasheet
247Kb / 4P
Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SB1375 JMNIC-2SB1375 Datasheet
200Kb / 4P
Silicon PNP Power Transistors
logo
Savantic, Inc.
2SB1375 SAVANTIC-2SB1375 Datasheet
249Kb / 4P
Silicon PNP Power Transistors
More results


Similar Description - 2SB1375

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
BD244 BOURNS-BD244 Datasheet
106Kb / 5P
PNP SILICON POWER TRANSISTORS
BD544 BOURNS-BD544 Datasheet
103Kb / 5P
PNP SILICON POWER TRANSISTORS
logo
List of Unclassifed Man...
2SA1659 ETC-2SA1659 Datasheet
48Kb / 3P
Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2SA1129 ISC-2SA1129 Datasheet
95Kb / 3P
Silicon PNP Power Transistors
2SA1067 ISC-2SA1067 Datasheet
152Kb / 3P
Silicon PNP Power Transistors
2SA1094 ISC-2SA1094 Datasheet
181Kb / 3P
Silicon PNP Power Transistors
2SA636 ISC-2SA636 Datasheet
149Kb / 3P
Silicon PNP Power Transistors
2SA1859 ISC-2SA1859 Datasheet
146Kb / 4P
Silicon PNP Power Transistors
2SA648 ISC-2SA648 Datasheet
152Kb / 3P
Silicon PNP Power Transistors
2SA971 ISC-2SA971 Datasheet
155Kb / 3P
Silicon PNP Power Transistors
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com