Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5293 Datasheet (PDF) - Analog Devices

AD5293 Datasheet PDF - Analog Devices
Part # AD5293
Download  AD5293 Download
File Size   686.03 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Single-Channel, 1024-Position, 1% R-Tolerance Digital Potentiometer

AD5293 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5293 Datasheet PDF - Analog Devices

Part # AD5293
Download  AD5293 Click to download

File Size   686.03 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Single-Channel, 1024-Position, 1% R-Tolerance Digital Potentiometer

AD5293 Datasheet (HTML) - Analog Devices


AD5293 Product details

GENERAL DESCRIPTION

The AD5293 is a single-channel, 1024-position digital potentiometer with a <1% end-to-end resistor tolerance error. The AD5293 performs the same electronic adjustment function as a mechanical potentiometer with enhanced resolution, solid state reliability, and superior low temperature coefficient performance. This device is capable of operating at high voltages and supporting both dual-supply operation at ±10.5 V to ±15 V and single-supply operation at 21 V to 30 V.



FEATURES

Single-channel, 1024-position resolution

20 kΩ, 50 kΩ, and 100 kΩ nominal resistance

Calibrated 1% nominal resistor tolerance (resistor performance mode)

Rheostat mode temperature coefficient: 35 ppm/°C

Voltage divider temperature coefficient: 5 ppm/°C

Single-supply operation: 9 V to 33 V

Dual-supply operation: ±9 V to ±16.5 V

SPI-compatible serial interface

Wiper setting readback



APPLICATIONS

Mechanical potentiometer replacement

Instrumentation: gain and offset adjustment

Programmable voltage-to-current conversion

Programmable filters, delays, and time constants

Programmable power supply

Low resolution DAC replacements

Sensor calibration




Similar Part No. - AD5293

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5293 AD-AD5293 Datasheet
741Kb / 24P
Single-Channel, 1024-Position, R-Tolerance Digital Potentiometer
3/16-Rev. D to Rev. E
AD5293BRUZ-100 AD-AD5293BRUZ-100 Datasheet
938Kb / 24P
Single-Channel, 1024-Position, 1percent R-Tolerance Digital Potentiometer
Rev. D
AD5293BRUZ-100 AD-AD5293BRUZ-100 Datasheet
741Kb / 24P
Single-Channel, 1024-Position, R-Tolerance Digital Potentiometer
3/16-Rev. D to Rev. E
AD5293BRUZ-100-RL7 AD-AD5293BRUZ-100-RL7 Datasheet
938Kb / 24P
Single-Channel, 1024-Position, 1percent R-Tolerance Digital Potentiometer
Rev. D
AD5293BRUZ-100-RL7 AD-AD5293BRUZ-100-RL7 Datasheet
741Kb / 24P
Single-Channel, 1024-Position, R-Tolerance Digital Potentiometer
3/16-Rev. D to Rev. E
More results


Similar Description - AD5293

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5110 AD-AD5110 Datasheet
524Kb / 28P
Single-Channel, 128-/64-/32-Position, I2C, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
AD5111 AD-AD5111 Datasheet
458Kb / 24P
Single-Channel, 128-/64-/32-Position, Up/Down, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
AD5116 AD-AD5116 Datasheet
455Kb / 16P
Single-Channel, 64-Position, Push Button, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
AD5235-EP AD-AD5235-EP Datasheet
376Kb / 16P
Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
REV. 0
AD5235BRUZ250 AD-AD5235BRUZ250 Datasheet
788Kb / 32P
Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
AD5111BCPZ10-RL7 AD-AD5111BCPZ10-RL7 Datasheet
515Kb / 24P
Single-Channel, 128-/64-/32-Position, Up/Down, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. A
AD5293BRUZ-100 AD-AD5293BRUZ-100 Datasheet
938Kb / 24P
Single-Channel, 1024-Position, 1percent R-Tolerance Digital Potentiometer
Rev. D
AD5231 AD-AD5231_15 Datasheet
536Kb / 28P
Nonvolatile Memory, 1024-Position Digital Potentiometer
REV. D
AD5235 AD-AD5235_15 Datasheet
788Kb / 32P
Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
AD5293 AD-AD5293_16 Datasheet
741Kb / 24P
Single-Channel, 1024-Position, R-Tolerance Digital Potentiometer
3/16-Rev. D to Rev. E
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com