Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5116 Datasheet (PDF) - Analog Devices

AD5116 Datasheet PDF - Analog Devices
Part # AD5116
Download  AD5116 Download
File Size   458.19 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Single-Channel, 128-/64-/32-Position, Up/Down, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer

AD5116 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5116 Datasheet PDF - Analog Devices

Part # AD5116
Download  AD5116 Click to download

File Size   458.19 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Single-Channel, 128-/64-/32-Position, Up/Down, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer

AD5116 Datasheet (HTML) - Analog Devices


AD5116 Product details

GENERAL DESCRIPTION
The AD5111/AD5113/AD5115 provide a nonvolatile solution for 128-/64-/32-position adjustment applications, offering guaranteed low resistor tolerance errors of ±8% and up to ±6 mA current density in the A, B, and W pins. The low resistor tolerance, low nominal temperature coefficient, and high bandwidth simplify open-loop applications, as well as tolerance matching applications.
   
FEATURES
    Nominal resistor tolerance error: ±8% maximum
    Wiper current: ±6 mA
    Rheostat mode temperature coefficient: 35 ppm/°C
    Low power consumption: 2.5 µA max @ 2.7 V and 125°C
    Wide bandwidth: 4 MHz (5 kΩ option)
    Power-on EEPROM refresh time < 50 μs
    50-year typical data retention at 125°C
    1 million write cycles
    2.3 V to 5.5 V supply operation
    Chip select enable multiple device operation
    Wide operating temperature: −40°C to +125°C
    Thin, 2 mm × 2 mm × 0.55 mm 8-lead LFCSP package
   
APPLICATIONS
    Mechanical potentiometer replacement
    Portable electronics level adjustment
    Audio volume control
    Low resolution DAC
    LCD panel brightness and contrast control
    Programmable voltage to current conversion
    Programmable filters, delays, time constants
    Feedback resistor programmable power supply
    Sensor calibration
   




Similar Part No. - AD5116

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5116 AD-AD5116 Datasheet
524Kb / 28P
Single-Channel, 128-/64-/32-Position, I2C, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
AD5116 AD-AD5116 Datasheet
455Kb / 16P
Single-Channel, 64-Position, Push Button, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
AD5116 AD-AD5116 Datasheet
374Kb / 16P
Single-Channel, 64-Position, Push Button, ±8% Resistor Tolerance, Nonvolatile Digital Potentiometer
Rev. B
AD5116 AD-AD5116 Datasheet
448Kb / 24P
Single-Channel, 128-/64-/32-Position, Up/Down, ±8% Resistor Tolerance, Nonvolatile Digital Potentiometer
Rev. B
AD5116 AD-AD5116 Datasheet
2Mb / 28P
Single-Channel, 128-/64-/32-Position, I2C, 8% Resistor Tolerance, Nonvolatile Digital Potentiometer
Rev. D
More results


Similar Description - AD5116

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS4301 DALLAS-DS4301 Datasheet
150Kb / 7P
Nonvolatile, 32-Position Digital Potentiometer
logo
Maxim Integrated Produc...
DS3903 MAXIM-DS3903 Datasheet
619Kb / 11P
Triple 128-Position Nonvolatile Digital Potentiometer
Rev 0; 6/02
logo
Analog Devices
AD5110 AD-AD5110 Datasheet
524Kb / 28P
Single-Channel, 128-/64-/32-Position, I2C, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
AD5116 AD-AD5116 Datasheet
455Kb / 16P
Single-Channel, 64-Position, Push Button, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
AD5111BCPZ10-RL7 AD-AD5111BCPZ10-RL7 Datasheet
515Kb / 24P
Single-Channel, 128-/64-/32-Position, Up/Down, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. A
AD5121 AD-AD5121 Datasheet
673Kb / 32P
Single Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
REV. 0
AD5227 AD-AD5227 Datasheet
384Kb / 16P
64-Position Up/Down Control Digital Potentiometer
REV. B
AD5121 AD-AD5121_17 Datasheet
791Kb / 32P
Single Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
5/2017-Rev. B to Rev. C
AD5122 AD-AD5122_17 Datasheet
751Kb / 32P
Dual Channel, 128-/256-Position, SPI, Nonvolatile Digital Potentiometer
5/2017-Rev. B to Rev. C
logo
Maxim Integrated Produc...
DS4301 MAXIM-DS4301 Datasheet
155Kb / 7P
Nonvolatile, 32-Position Digital Potentiometer
Rev 0; 8/03
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com