Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5227 Datasheet (PDF) - Analog Devices

AD5227 Datasheet PDF - Analog Devices
Part # AD5227
Download  AD5227 Download
File Size   384.68 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 64-Position Up/Down Control Digital Potentiometer

AD5227 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5227 Datasheet PDF - Analog Devices

Part # AD5227
Download  AD5227 Click to download

File Size   384.68 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 64-Position Up/Down Control Digital Potentiometer

AD5227 Datasheet (HTML) - Analog Devices


AD5227 Product details

GENERAL DESCRIPTION
The AD5227 is Analog Devices’ latest 64-step up/down control digital potentiometer1. This device performs the same electronic adjustment function as a 5 V potentiometer or variable resistor. Its simple 3-wire up/down interface allows manual switching or high speed digital control.

FEATURES
    64-position digital potentiometer
    10 kΩ, 50 kΩ, 100 kΩ end-to-end terminal resistance
    Simple up/down digital or manual configurable control
    Midscale preset
    Low potentiometer mode tempco = 10 ppm/°C
    Low rheostat mode tempco = 35 ppm/°C
    Ultralow power, IDD = 0.4 μA typ and 3 μA max
    Fast adjustment time, ts = 1 μs
    Chip select enable multiple device operation
    Low operating voltage, 2.7 V to 5.5 V
    Automotive temperature range, −40°C to +105°C
    Compact thin SOT-23-8 (2.9 mm × 3 mm) Pb-free package

APPLICATIONS
    Mechanical potentiometer and trimmer replacements
    LCD backlight, contrast, and brightness controls
    Portable electronics level adjustment
    Programmable power supply
    Digital trimmer replacements
    Automatic closed-loop control




Similar Part No. - AD5227

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5227 AD-AD5227 Datasheet
384Kb / 16P
64-Position Up/DownControl Digital Potentiometer
REV. B
AD5227BUJZ10-R22 AD-AD5227BUJZ10-R22 Datasheet
384Kb / 16P
64-Position Up/DownControl Digital Potentiometer
REV. B
AD5227BUJZ10-RL72 AD-AD5227BUJZ10-RL72 Datasheet
384Kb / 16P
64-Position Up/DownControl Digital Potentiometer
REV. B
AD5227BUJZ100 AD-AD5227BUJZ100 Datasheet
384Kb / 16P
64-Position Up/DownControl Digital Potentiometer
REV. B
AD5227BUJZ100-R22 AD-AD5227BUJZ100-R22 Datasheet
384Kb / 16P
64-Position Up/DownControl Digital Potentiometer
REV. B
More results


Similar Description - AD5227

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5171 AD-AD5171 Datasheet
1Mb / 20P
64-Position OTP Digital Potentiometer
AD5228 AD-AD5228 Datasheet
341Kb / 20P
32-Position Manual Up/Down Control Potentiometer
4/04-Revision 0
AD5273 AD-AD5273 Datasheet
987Kb / 20P
64-Position OTP Digital Potentiometer
REV.0
logo
Catalyst Semiconductor
CAT5128 CATALYST-CAT5128 Datasheet
285Kb / 8P
32-Tap Digital Up/Down Control Potentiometer
logo
ON Semiconductor
CAT5128 ONSEMI-CAT5128 Datasheet
178Kb / 8P
32-Tap Digital Up/Down Control Potentiometer
Doc. No. MD-2128 Rev. B
logo
Analog Devices
AD5227BUJZ100 AD-AD5227BUJZ100 Datasheet
384Kb / 16P
64-Position Up/DownControl Digital Potentiometer
REV. B
AD5228BUJZ50 AD-AD5228BUJZ50 Datasheet
440Kb / 20P
32-Position Manual Up/Down Control Potentiometer
REV. A
AD5171 AD-AD5171 Datasheet
996Kb / 24P
64-Position OTP Digital Potentiometer
REV. D
AD5171 AD-AD5171_15 Datasheet
996Kb / 24P
64-Position OTP Digital Potentiometer
REV. D
AD5228 AD-AD5228_15 Datasheet
440Kb / 20P
32-Position Manual Up/Down Control Potentiometer
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com