Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT5128 Datasheet (PDF) - ON Semiconductor

CAT5128 Datasheet PDF - ON Semiconductor
Part # CAT5128
Download  CAT5128 Download
File Size   178.99 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 32-Tap Digital Up/Down Control Potentiometer

CAT5128 Datasheet (PDF)

Go To PDF Page Download Datasheet
CAT5128 Datasheet PDF - ON Semiconductor

Part # CAT5128
Download  CAT5128 Click to download

File Size   178.99 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 32-Tap Digital Up/Down Control Potentiometer

CAT5128 Datasheet (HTML) - ON Semiconductor


CAT5128 Product details

DESCRIPTION

The CAT5128 is a single digitally programmable potentiometer (DPP™) designed as an electronic replacement for mechanical potentiometers and trim pots. Ideal for automated adjustments on high volume production lines, they are also well suited for applications where equipment requiring periodic adjustment is either difficult to access or located in a hazardous or remote environment.



FEATURES

32-position linear taper potentiometer

Low power CMOS technology

Single supply operation: 2.5V – 5.5V

Discrete step-up/step-down digital control

Resistance values: 10kΩ, 50kΩand 100kΩ

Available in SOT-23 8-lead Pb-free package



APPLICATIONS

Automated product calibration

Remote control adjustments

Offset, gain and zero control

Tamper-proof calibrations

Contrast, brightness and volume controls

Motor controls and feedback systems

Programmable analog functions




Similar Part No. - CAT5128

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5128 CATALYST-CAT5128 Datasheet
285Kb / 8P
32-Tap Digital Up/Down Control Potentiometer
logo
ON Semiconductor
CAT5128 ONSEMI-CAT5128 Datasheet
158Kb / 7P
32?릘ap Digital Up/Down Control Potentiometer (POT)
July, 2013 ??Rev. 4
logo
Catalyst Semiconductor
CAT5128TBI-00 CATALYST-CAT5128TBI-00 Datasheet
285Kb / 8P
32-Tap Digital Up/Down Control Potentiometer
logo
ON Semiconductor
CAT5128TBI-00GT3 ONSEMI-CAT5128TBI-00GT3 Datasheet
158Kb / 7P
32?릘ap Digital Up/Down Control Potentiometer (POT)
July, 2013 ??Rev. 4
logo
Catalyst Semiconductor
CAT5128TBI-10 CATALYST-CAT5128TBI-10 Datasheet
285Kb / 8P
32-Tap Digital Up/Down Control Potentiometer
More results


Similar Description - CAT5128

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5228 AD-AD5228 Datasheet
341Kb / 20P
32-Position Manual Up/Down Control Potentiometer
4/04-Revision 0
logo
Catalyst Semiconductor
CAT5128 CATALYST-CAT5128 Datasheet
285Kb / 8P
32-Tap Digital Up/Down Control Potentiometer
logo
Analog Devices
AD5227 AD-AD5227 Datasheet
384Kb / 16P
64-Position Up/Down Control Digital Potentiometer
REV. B
AD5228BUJZ50 AD-AD5228BUJZ50 Datasheet
440Kb / 20P
32-Position Manual Up/Down Control Potentiometer
REV. A
AD5228 AD-AD5228_15 Datasheet
440Kb / 20P
32-Position Manual Up/Down Control Potentiometer
REV. A
logo
Copal Electronics
DP7112 COPAL-DP7112 Datasheet
145Kb / 10P
32-Tap Digital Potentiometer
DP7114 COPAL-DP7114 Datasheet
189Kb / 14P
32-Tap Digital Potentiometer
DP7115 COPAL-DP7115 Datasheet
178Kb / 12P
32-Tap Digital Potentiometer
logo
ON Semiconductor
CAT5128 ONSEMI-CAT5128_13 Datasheet
158Kb / 7P
32?릘ap Digital Up/Down Control Potentiometer (POT)
July, 2013 ??Rev. 4
N57L5128 ONSEMI-N57L5128 Datasheet
79Kb / 7P
32?릘ap Digital Up/Down Control Potentiometer (POT)
August, 2016 ??Rev. P0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com