Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT5128 Datasheet (PDF) - Catalyst Semiconductor

CAT5128 Datasheet PDF - Catalyst Semiconductor
Part # CAT5128
Download  CAT5128 Download
File Size   285.44 Kbytes
Page   8 Pages
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor
Description 32-Tap Digital Up/Down Control Potentiometer

CAT5128 Datasheet (PDF)

Go To PDF Page Download Datasheet
CAT5128 Datasheet PDF - Catalyst Semiconductor

Part # CAT5128
Download  CAT5128 Click to download

File Size   285.44 Kbytes
Page   8 Pages
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor
Description 32-Tap Digital Up/Down Control Potentiometer

CAT5128 Datasheet (HTML) - Catalyst Semiconductor


CAT5128 Product details

DESCRIPTION

The CAT5128 is a single digitally programmable potentiometer (DPP™) designed as an electronic replacement for mechanical potentiometers and trim pots. Ideal for automated adjustments on high volume production lines, they are also well suited for applications where equipment requiring periodic adjustment is either difficult to access or located in a hazardous or remote environment.



FEATURES

32-position linear taper potentiometer

Low power CMOS technology

Single supply operation: 2.5V – 5.5V

Discrete step-up/step-down digital control

Resistance values: 10kΩ, 50kΩand 100kΩ

Available in SOT-23 8-lead Pb-free package



APPLICATIONS

Automated product calibration

Remote control adjustments

Offset, gain and zero control

Tamper-proof calibrations

Contrast, brightness and volume controls

Motor controls and feedback systems

Programmable analog functions




Similar Part No. - CAT5128

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5128 ONSEMI-CAT5128 Datasheet
178Kb / 8P
32-Tap Digital Up/Down Control Potentiometer
Doc. No. MD-2128 Rev. B
CAT5128 ONSEMI-CAT5128 Datasheet
158Kb / 7P
32?릘ap Digital Up/Down Control Potentiometer (POT)
July, 2013 ??Rev. 4
CAT5128TBI-00 ONSEMI-CAT5128TBI-00 Datasheet
178Kb / 8P
32-Tap Digital Up/Down Control Potentiometer
Doc. No. MD-2128 Rev. B
CAT5128TBI-00-GT3 ONSEMI-CAT5128TBI-00-GT3 Datasheet
178Kb / 8P
32-Tap Digital Up/Down Control Potentiometer
Doc. No. MD-2128 Rev. B
CAT5128TBI-00GT3 ONSEMI-CAT5128TBI-00GT3 Datasheet
158Kb / 7P
32?릘ap Digital Up/Down Control Potentiometer (POT)
July, 2013 ??Rev. 4
More results


Similar Description - CAT5128

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5228 AD-AD5228 Datasheet
341Kb / 20P
32-Position Manual Up/Down Control Potentiometer
4/04-Revision 0
logo
ON Semiconductor
CAT5128 ONSEMI-CAT5128 Datasheet
178Kb / 8P
32-Tap Digital Up/Down Control Potentiometer
Doc. No. MD-2128 Rev. B
logo
Analog Devices
AD5227 AD-AD5227 Datasheet
384Kb / 16P
64-Position Up/Down Control Digital Potentiometer
REV. B
AD5228BUJZ50 AD-AD5228BUJZ50 Datasheet
440Kb / 20P
32-Position Manual Up/Down Control Potentiometer
REV. A
AD5228 AD-AD5228_15 Datasheet
440Kb / 20P
32-Position Manual Up/Down Control Potentiometer
REV. A
logo
Copal Electronics
DP7112 COPAL-DP7112 Datasheet
145Kb / 10P
32-Tap Digital Potentiometer
DP7114 COPAL-DP7114 Datasheet
189Kb / 14P
32-Tap Digital Potentiometer
DP7115 COPAL-DP7115 Datasheet
178Kb / 12P
32-Tap Digital Potentiometer
logo
ON Semiconductor
CAT5128 ONSEMI-CAT5128_13 Datasheet
158Kb / 7P
32?릘ap Digital Up/Down Control Potentiometer (POT)
July, 2013 ??Rev. 4
N57L5128 ONSEMI-N57L5128 Datasheet
79Kb / 7P
32?릘ap Digital Up/Down Control Potentiometer (POT)
August, 2016 ??Rev. P0
More results




About Catalyst Semiconductor


Catalyst Semiconductor, Inc. was a semiconductor company that specialized in the design and manufacture of analog and mixed-signal integrated circuits (ICs). The company was founded in 1985 and was headquartered in Santa Clara, California, USA. In 2008, Catalyst Semiconductor was acquired by ON Semiconductor Corporation.

Catalyst Semiconductor's product portfolio included a range of analog ICs, such as non-volatile memory products, DC-DC converters, LED drivers, and motor controllers. These products were used in a variety of applications, including consumer electronics, automotive, medical devices, and industrial equipment.

One of Catalyst Semiconductor's key areas of expertise was in the design of non-volatile memory products. The company's non-volatile memory products included serial EEPROMs, parallel EEPROMs, and nvSRAMs (non-volatile static random access memory). These products offered high reliability, low power consumption, and high-speed read and write operations, making them well-suited to a wide range of applications.

Overall, Catalyst Semiconductor was a well-established player in the analog IC industry, with a reputation for producing high-quality products that met the needs of a diverse range of customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com