Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5273 Datasheet (PDF) - Analog Devices

AD5273 Datasheet PDF - Analog Devices
Part # AD5273
Download  AD5273 Download
File Size   987.58 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 64-Position OTP Digital Potentiometer

AD5273 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5273 Datasheet PDF - Analog Devices

Part # AD5273
Download  AD5273 Click to download

File Size   987.58 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 64-Position OTP Digital Potentiometer

AD5273 Datasheet (HTML) - Analog Devices


AD5273 Product details

GENERAL DESCRIPTION
The AD5273 is a 64-position, One-Time-Programmable (OTP) digital potentiometer4 that employs fuse link technology to achieve the permanent program setting. This device performs the same electronic adjustment function as most mechanical trimmers and variable resistors. It allows unlimited adjustments before permanently setting the resistance values. The AD5273 is programmed using a 2-wire, I2C compatible digital control. During the write mode, a fuse blow command is executed after the final value is determined, therefore freezing the wiper position at a given setting (analogous to placing epoxy on a mechanical trimmer).

FEATURES
    64 Positions
    OTP (One-Time-Programmable)1 Set-and-Forget
        Resistance Setting
    1 kΩ, 10 kΩ, 50 kΩ, 100 kΩ End-to-End Terminal Resistance
    Compact Standard SOT23-8 Package
    Ultralow Power: IDD = 5 μA Max
    Fast Settling Time: tS = 5 μs Typ in Power-Up
    I2C Compatible Digital Interface
    Computer Software2 Replaces μC in Factory Programming
        Applications
    Wide Temperature Range: –40°C to +105°C
    5 V Programming Voltage
    Low Operating Voltage, 2.7 V to 5.5 V
    OTP Validation Check Function

APPLICATIONS
    Systems Calibrations
    Electronics Level Settings
    Mechanical Trimmers® Replacement in New Designs
    Automotive Electronics Adjustments
    Transducer Circuits Adjustments
    Programmable Filters up to 6 MHz BW3




Similar Part No. - AD5273

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5273 AD-AD5273 Datasheet
846Kb / 20P
64-Position OTP Digital Potentiometer
Rev. J
AD5273BRJZ1-R2 AD-AD5273BRJZ1-R2 Datasheet
846Kb / 20P
64-Position OTP Digital Potentiometer
Rev. J
AD5273BRJZ1-REEL7 AD-AD5273BRJZ1-REEL7 Datasheet
846Kb / 20P
64-Position OTP Digital Potentiometer
Rev. J
AD5273BRJZ10-R2 AD-AD5273BRJZ10-R2 Datasheet
846Kb / 20P
64-Position OTP Digital Potentiometer
Rev. J
AD5273BRJZ10-R7 AD-AD5273BRJZ10-R7 Datasheet
846Kb / 20P
64-Position OTP Digital Potentiometer
Rev. J
More results


Similar Description - AD5273

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5203 AD-AD5203 Datasheet
259Kb / 12P
4-Channel, 64-Position Digital Potentiometer
REV.0
AD5171 AD-AD5171 Datasheet
1Mb / 20P
64-Position OTP Digital Potentiometer
AD5258 AD-AD5258 Datasheet
1Mb / 24P
Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer
3/05-Revision 0
AD5227 AD-AD5227 Datasheet
384Kb / 16P
64-Position Up/Down Control Digital Potentiometer
REV. B
AD5203ARUZ100 AD-AD5203ARUZ100 Datasheet
246Kb / 12P
4-Channel, 64-Position Digital Potentiometer
REV. 0
AD5227BUJZ100 AD-AD5227BUJZ100 Datasheet
384Kb / 16P
64-Position Up/DownControl Digital Potentiometer
REV. B
AD5171 AD-AD5171 Datasheet
996Kb / 24P
64-Position OTP Digital Potentiometer
REV. D
AD5171 AD-AD5171_15 Datasheet
996Kb / 24P
64-Position OTP Digital Potentiometer
REV. D
AD5203 AD-AD5203_15 Datasheet
262Kb / 12P
4-Channel, 64-Position Digital Potentiometer
REV. 0
AD5233 AD-AD5233_15 Datasheet
774Kb / 32P
Nonvolatile Memory, Quad 64-Position Digital Potentiometer
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com