Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5273BRJZ1-R2 Datasheet (PDF) - Analog Devices

AD5273BRJZ1-R2 Datasheet PDF - Analog Devices
Part # AD5273BRJZ1-R2
Download  AD5273BRJZ1-R2 Download
File Size   846.66 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 64-Position OTP Digital Potentiometer

AD5273BRJZ1-R2 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5273BRJZ1-R2 Datasheet PDF - Analog Devices

Part # AD5273BRJZ1-R2
Download  AD5273BRJZ1-R2 Click to download

File Size   846.66 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 64-Position OTP Digital Potentiometer

AD5273BRJZ1-R2 Datasheet (HTML) - Analog Devices


AD5273BRJZ1-R2 Product details

FEATURES
64 positions
One-time programmable (OTP)1 set-and-forget
Resistance setting—low cost alternative over EEMEM
Unlimited adjustments prior to OTP activation
1 kΩ, 10 kΩ, 50 kΩ, 100 kΩ end-to-end terminal resistance
Compact 8-lead SOT-23 standard package
Ultralow power: IDD = 5 μA maximum
Fast settling time: tS = 5 μs typical during power-up
I2C-compatible digital interface
Computer software2 replaces microcontroller in factory programming applications
Wide temperature range: −40°C to +105°C
Low operating voltage: 2.7 V to 5.5 V
OTP validation check function

APPLICATIONS
System calibrations
Electronics level settings
Mechanical potentiometers and trimmer replacement
Transducer circuit adjustments
Programmable filters up to 6 MHz BW3




Similar Part No. - AD5273BRJZ1-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5273BRJ1-R2 AD-AD5273BRJ1-R2 Datasheet
987Kb / 20P
64-Position OTP Digital Potentiometer
REV.0
AD5273BRJ1-REEL7 AD-AD5273BRJ1-REEL7 Datasheet
987Kb / 20P
64-Position OTP Digital Potentiometer
REV.0
AD5273BRJ10-R2 AD-AD5273BRJ10-R2 Datasheet
987Kb / 20P
64-Position OTP Digital Potentiometer
REV.0
AD5273BRJ10-REEL7 AD-AD5273BRJ10-REEL7 Datasheet
987Kb / 20P
64-Position OTP Digital Potentiometer
REV.0
AD5273BRJ100-R2 AD-AD5273BRJ100-R2 Datasheet
987Kb / 20P
64-Position OTP Digital Potentiometer
REV.0
More results


Similar Description - AD5273BRJZ1-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5203 AD-AD5203 Datasheet
259Kb / 12P
4-Channel, 64-Position Digital Potentiometer
REV.0
AD5171 AD-AD5171 Datasheet
1Mb / 20P
64-Position OTP Digital Potentiometer
AD5273 AD-AD5273 Datasheet
987Kb / 20P
64-Position OTP Digital Potentiometer
REV.0
AD5258 AD-AD5258 Datasheet
1Mb / 24P
Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer
3/05-Revision 0
AD5203ARUZ100 AD-AD5203ARUZ100 Datasheet
246Kb / 12P
4-Channel, 64-Position Digital Potentiometer
REV. 0
AD5227BUJZ100 AD-AD5227BUJZ100 Datasheet
384Kb / 16P
64-Position Up/DownControl Digital Potentiometer
REV. B
AD5171 AD-AD5171 Datasheet
996Kb / 24P
64-Position OTP Digital Potentiometer
REV. D
AD5171 AD-AD5171_15 Datasheet
996Kb / 24P
64-Position OTP Digital Potentiometer
REV. D
AD5203 AD-AD5203_15 Datasheet
262Kb / 12P
4-Channel, 64-Position Digital Potentiometer
REV. 0
AD5233 AD-AD5233_15 Datasheet
774Kb / 32P
Nonvolatile Memory, Quad 64-Position Digital Potentiometer
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com