Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5273BRJZ1-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5273BRJZ1-R2
Description  64-Position OTP Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5273BRJZ1-R2 Datasheet(HTML) 1 Page - Analog Devices

  AD5273BRJZ1-R2 Datasheet HTML 1Page - Analog Devices AD5273BRJZ1-R2 Datasheet HTML 2Page - Analog Devices AD5273BRJZ1-R2 Datasheet HTML 3Page - Analog Devices AD5273BRJZ1-R2 Datasheet HTML 4Page - Analog Devices AD5273BRJZ1-R2 Datasheet HTML 5Page - Analog Devices AD5273BRJZ1-R2 Datasheet HTML 6Page - Analog Devices AD5273BRJZ1-R2 Datasheet HTML 7Page - Analog Devices AD5273BRJZ1-R2 Datasheet HTML 8Page - Analog Devices AD5273BRJZ1-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
64-Position OTP Digital Potentiometer
Data Sheet
AD5273
Rev. J
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2002–2015 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
64 positions
One-time programmable (OTP)1 set-and-forget
Resistance setting—low cost alternative over EEMEM
Unlimited adjustments prior to OTP activation
1 kΩ, 10 kΩ, 50 kΩ, 100 kΩ end-to-end terminal resistance
Compact 8-lead SOT-23 standard package
Ultralow power: I
DD = 5 µA maximum
Fast settling time: t
S = 5 µs typical during power-up
I2C-compatible digital interface
Computer software2 replaces microcontroller in
factory programming applications
Wide temperature range: −40°C to +105°C
Low operating voltage: 2.7 V to 5.5 V
OTP validation check function
APPLICATIONS
System calibrations
Electronics level settings
Mechanical potentiometers and trimmer replacement
Transducer circuit adjustments
Programmable filters up to 6 MHz BW3
GENERAL DESCRIPTION
The AD5273 is a 64-position, one-time programmable (OTP)
digital potentiometer4 that employs fuse link technology to
achieve permanent program setting. This device performs the
same electronic adjustment function as most mechanical
trimmers and variable resistors. It allows unlimited adjustments
before permanently setting the resistance values. The AD5273 is
programmed using a 2-wire, I2C-compatible digital control.
During write mode, a fuse blow command is executed after the
final value is determined, thereby freezing the wiper position at
a given setting (analogous to placing epoxy on a mechanical
trimmer). When the permanent setting is achieved, the value
does not change, regardless of the supply variations or environ-
mental stresses under normal operating conditions. To verify
the success of permanent programming, Analog Devices, Inc.,
patterned the OTP validation such that the fuse status can be
discerned from two validation bits in the read mode.
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
In addition, for applications that program the AD5273 at the
factory, Analog Devices offers device programming software2
running on Windows NT®, Windows® 2000, and Windows XP
operating systems. This software application effectively replaces
any external I2C controllers, which in turn enhances the user
system’s time-to-market.
The AD5273 is available in 1 kΩ, 10 kΩ, 50 kΩ, and 100 kΩ
resistances and in a compact 8-lead SOT-23 standard package.
It operates from −40°C to +105°C.
Along with its unique OTP feature, the AD5273 lends itself
well to general digital potentiometer applications due to its
effective resolution, array resistance options, small footprint,
and low cost.
An AD5273 evaluation kit and software are available. The kit
includes the connector and cable that can be converted for
factory programming applications.
For applications that require dynamic adjustment of resistance
settings with nonvolatile EEMEM, refer to the AD5231, AD5232,
AD5233, and AD5235 family, and the AD5251, AD5252, AD5254,
AD5258, and AD5259 family of nonvolatile memory digital
potentiometers.
1 OTP allows unlimited adjustments before permanent setting.
2 Analog Devices cannot guarantee the software to be 100% compatible to all
systems due to the wide variation in computer configurations.
3 Applies to 1 kΩ parts only.
4 The terms digital potentiometer, VR, and RDAC are used interchangeably.
GND
I2C INTERFACE
AND
CONTROL LOGIC
A
W
B
WIPER
REGISTER
FUSE
LINK
VDD
AD0
SDA
SCL
AD5273


Similar Part No. - AD5273BRJZ1-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5273BRJ1-R2 AD-AD5273BRJ1-R2 Datasheet
987Kb / 20P
64-Position OTP Digital Potentiometer
REV.0
AD5273BRJ1-REEL7 AD-AD5273BRJ1-REEL7 Datasheet
987Kb / 20P
64-Position OTP Digital Potentiometer
REV.0
AD5273BRJ10-R2 AD-AD5273BRJ10-R2 Datasheet
987Kb / 20P
64-Position OTP Digital Potentiometer
REV.0
AD5273BRJ10-REEL7 AD-AD5273BRJ10-REEL7 Datasheet
987Kb / 20P
64-Position OTP Digital Potentiometer
REV.0
AD5273BRJ100-R2 AD-AD5273BRJ100-R2 Datasheet
987Kb / 20P
64-Position OTP Digital Potentiometer
REV.0
More results

Similar Description - AD5273BRJZ1-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5203 AD-AD5203 Datasheet
259Kb / 12P
4-Channel, 64-Position Digital Potentiometer
REV.0
AD5171 AD-AD5171 Datasheet
1Mb / 20P
64-Position OTP Digital Potentiometer
AD5273 AD-AD5273 Datasheet
987Kb / 20P
64-Position OTP Digital Potentiometer
REV.0
AD5258 AD-AD5258 Datasheet
1Mb / 24P
Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer
3/05-Revision 0
AD5203ARUZ100 AD-AD5203ARUZ100 Datasheet
246Kb / 12P
4-Channel, 64-Position Digital Potentiometer
REV. 0
AD5227BUJZ100 AD-AD5227BUJZ100 Datasheet
384Kb / 16P
64-Position Up/DownControl Digital Potentiometer
REV. B
AD5171 AD-AD5171 Datasheet
996Kb / 24P
64-Position OTP Digital Potentiometer
REV. D
AD5171 AD-AD5171_15 Datasheet
996Kb / 24P
64-Position OTP Digital Potentiometer
REV. D
AD5203 AD-AD5203_15 Datasheet
262Kb / 12P
4-Channel, 64-Position Digital Potentiometer
REV. 0
AD5233 AD-AD5233_15 Datasheet
774Kb / 32P
Nonvolatile Memory, Quad 64-Position Digital Potentiometer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com