Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5273BRJZ1-R2 Datasheet(PDF) 17 Page - Analog Devices

Part # AD5273BRJZ1-R2
Description  64-Position OTP Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5273BRJZ1-R2 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD5273BRJZ1-R2 Datasheet HTML 12Page - Analog Devices AD5273BRJZ1-R2 Datasheet HTML 13Page - Analog Devices AD5273BRJZ1-R2 Datasheet HTML 14Page - Analog Devices AD5273BRJZ1-R2 Datasheet HTML 15Page - Analog Devices AD5273BRJZ1-R2 Datasheet HTML 16Page - Analog Devices AD5273BRJZ1-R2 Datasheet HTML 17Page - Analog Devices AD5273BRJZ1-R2 Datasheet HTML 18Page - Analog Devices AD5273BRJZ1-R2 Datasheet HTML 19Page - Analog Devices AD5273BRJZ1-R2 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Data Sheet
AD5273
Rev. J | Page 17 of 20
4. When all data bits have been read or written, a stop con-
dition is established by the master. A stop condition is
defined as a low-to-high transition on the SDA line
while SCL is high. In write mode, the master pulls the
SDA line high during the 10th clock pulse to establish a
stop condition, as shown in Figure 39 and Figure 40. In
read mode, the master issues a no acknowledge for the
ninth clock pulse, that is, the SDA line remains high. The
master then brings the SDA line low before the 10th clock
pulse, which goes high to establish a stop condition, as
shown in Figure 41.
A repeated write function gives the user flexibility to
update the RDAC output continuously, except after
permanent programming, when the part is addressed and
receives instructions only once. During the write cycle,
each data byte updates the RDAC output. For example,
after the RDAC has acknowledged its slave address and
instruction bytes, the RDAC output updates after these two
bytes. If another byte is written to the RDAC while it is still
addressed to a specific slave device with the same instruc-
tion, this byte updates the output of the selected slave device.
If different instructions are needed, the write mode must
be started again with a new slave address, instruction, and
data bytes. Similarly, a repeated read function of the RDAC
is also allowed.
CONTROLLING TWO DEVICES ON ONE BUS
Figure 42 shows two AD5273 devices on the same serial bus.
Each has a different slave address because the state of each AD0
pin is different. This allows each device to operate independently.
The master device output bus line drivers are open-drain pull-
down in a fully I2C-compatible interface.
Figure 42. Two AD5273 Devices on One Bus
MASTER
SDA SCL
AD0
AD5273
SDA SCL
AD0
AD5273
SDA
SCL
5V
RP
RP
5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com