Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5273BRJZ1-R2 Datasheet(PDF) 9 Page - Analog Devices

Part # AD5273BRJZ1-R2
Description  64-Position OTP Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5273BRJZ1-R2 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5273BRJZ1-R2 Datasheet HTML 5Page - Analog Devices AD5273BRJZ1-R2 Datasheet HTML 6Page - Analog Devices AD5273BRJZ1-R2 Datasheet HTML 7Page - Analog Devices AD5273BRJZ1-R2 Datasheet HTML 8Page - Analog Devices AD5273BRJZ1-R2 Datasheet HTML 9Page - Analog Devices AD5273BRJZ1-R2 Datasheet HTML 10Page - Analog Devices AD5273BRJZ1-R2 Datasheet HTML 11Page - Analog Devices AD5273BRJZ1-R2 Datasheet HTML 12Page - Analog Devices AD5273BRJZ1-R2 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Data Sheet
AD5273
Rev. J | Page 9 of 20
Figure 9. INL vs. Supply Voltage
Figure 10. RINL vs. Supply Voltage
Figure 11. Full-Scale Error
Figure 12. Zero-Scale Error
Figure 13. Supply Current vs. Temperature
Figure 14. Supply Current vs. Digital Input Voltage
6
1
2
3
4
5
SUPPLY VOLTAGE (V)
0.025
0.020
0
0
0.015
0.010
0.005
TA = 25°C
RAB = 10kΩ
CODE = 0x20
SUPPLY VOLTAGE (V)
0.4
0.3
–0.1
0
6
1
2
3
4
5
0.2
0.1
0
TA = 25°C
RAB = 10kΩ
CODE = 0x20
TEMPERATURE (
°C)
0
–1.0
–40
100
–20
0
20
40
60
80
–0.6
–0.5
–0.4
–0.3
–0.2
–0.1
–0.8
–0.7
–0.9
RAB = 10kΩ
VDD = 3V
VDD = 5V
TEMPERATURE (
°C)
1.0
0
–40
100
–20
0
20
40
60
80
0.4
0.5
0.6
0.7
0.8
0.9
0.2
0.3
0.1
RAB = 10kΩ
VDD = 3V
VDD = 5V
TEMPERATURE (
°C)
0.16
0.04
–55
115
–35
–15
5
25
45
65
85
105
0.08
0.10
0.12
0.14
0.06
VDD = 5.5V
RAB = 10kΩ
INPUT LOGIC VOLTAGE (V)
10
0.0001
0
6
1
2
3
4
5
0.001
0.01
0.1
1
TA = 25°C
RAB = 10kΩ
ALL DIGITAL
PINS TIED
TOGETHER
VDD = 5V
VDD = 2.7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com