Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5273BRJZ1-R2 Datasheet(PDF) 4 Page - Analog Devices

Part # AD5273BRJZ1-R2
Description  64-Position OTP Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5273BRJZ1-R2 Datasheet(HTML) 4 Page - Analog Devices

  AD5273BRJZ1-R2 Datasheet HTML 1Page - Analog Devices AD5273BRJZ1-R2 Datasheet HTML 2Page - Analog Devices AD5273BRJZ1-R2 Datasheet HTML 3Page - Analog Devices AD5273BRJZ1-R2 Datasheet HTML 4Page - Analog Devices AD5273BRJZ1-R2 Datasheet HTML 5Page - Analog Devices AD5273BRJZ1-R2 Datasheet HTML 6Page - Analog Devices AD5273BRJZ1-R2 Datasheet HTML 7Page - Analog Devices AD5273BRJZ1-R2 Datasheet HTML 8Page - Analog Devices AD5273BRJZ1-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD5273
Data Sheet
Rev. J | Page 4 of 20
SPECIFICATIONS
VDD = 2.7 V to 5.5 V, VA < VDD, VB = 0 V, −40°C < TA < +105°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ1
Max
Unit
DC CHARACTERISTICS—RHEOSTAT MODE
Resolution
N
6
Bits
Resistor Differential Nonlinearity2
R-DNL
10 kΩ, 50 kΩ, 100 kΩ
R
WB, VA = NC
−0.5
+0.05
+0.5
LSB
1 kΩ
R
WB, VA = NC
−1
+0.25
+1
LSB
Resistor Nonlinearity2
R-INL
10 kΩ, 50 kΩ, 100 kΩ
R
WB, VA = NC
−0.5
+0.10
+0.5
LSB
1 kΩ
R
WB, VA = NC
−5
+2
+5
LSB
Nominal Resistance Tolerance3
ΔR
AB/RAB
T
A = 25°C
10 kΩ, 50 kΩ, 100 kΩ
−30
+30
%
Nominal Resistance, 1 kΩ
R
AB
0.8
1.2
1.6
kΩ
Rheostat Mode Temperature
Coefficient4
(ΔR
AB/RAB)/∆T
Wiper = NC
300
ppm/°C
Wiper Resistance
R
W
I
W = VDD/R, VDD = 3 V or 5 V
60
100
Ω
DC CHARACTERISTICS—POTENTIOMETER
DIVIDER MODE
Differential Nonlinearity5
DNL
−0.5
+0.1
+0.5
LSB
Integral Nonlinearity5
INL
−0.5
+0.5
LSB
Voltage Divider4 Temperature Coefficient
(ΔV
W/VW)/ΔT
Code = 0x20
10
ppm/°C
Full-Scale Error
V
WFSE
Code = 0x3F
−1
0
LSB
10 kΩ, 50 kΩ, 100 kΩ
−1
0
LSB
1 kΩ
−6
0
LSB
Zero-Scale Error
V
WZSE
Code = 0x00
−6
0
LSB
10 kΩ, 50 kΩ, 100 kΩ
0
1
LSB
1 kΩ
0
5
LSB
RESISTOR TERMINALS
Voltage Range6
V
A, VB, VW
GND
V
DD
V
Capacitance7 A, B
C
A, CB
f = 5 MHz, measured to GND,
code = 0x20
25
pF
Capacitance7 W
C
W
f = 1 MHz, measured to GND,
code = 0x20
55
pF
Common-Mode Leakage
I
CM
V
A = VB = VW
1
nA
DIGITAL INPUTS AND OUTPUTS
Input Logic High (SDA and SCL)8
V
IH
0.7 × V
DD
V
DD + 0.5
V
Input Logic Low (SDA and SCL)8
V
IL
−0.5
0.3 × V
DD
V
Input Logic High (AD0)
V
IH
3.0
V
DD
V
Input Logic Low (AD0)
V
IL
V
IN = 0 V or 5 V
0
0.4
V
Input Logic Current
I
IL
0.01
1
µA
Input Capacitance7
C
IL
3
pF
Output Logic Low (SDA)
V
OL
0.4
V
Three-State Leakage Current
I
OZ
±1
µA
Output Capacitance7
C
OZ
3
pF
POWER SUPPLIES
Power Supply Range
V
DD
2.7
5.5
V
OTP Power Supply8,9
V
DD_OTP
T
A = 25°C
5.0
5.25
5.5
V
Supply Current
I
DD
V
IH = 5 V or VIL = 0 V
0.1
5
µA
OTP Supply Current8,10,11
I
DD_OTP
T
A = 25°C, VDD_OTP = 5 V
100
mA
Power Dissipation12
P
DISS
V
IH = 5 V or VIL = 0 V, VDD = 5 V
0.5
27.5
µW
Power Supply Sensitivity
PSRR
R
AB = 1 kΩ
−0.3
+0.3
%/%
PSRR
R
AB = 10 kΩ, 50 kΩ, 100 kΩ
−0.05
+0.05
%/%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com