Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5273BRJZ1-R2 Datasheet(PDF) 16 Page - Analog Devices

Part # AD5273BRJZ1-R2
Description  64-Position OTP Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5273BRJZ1-R2 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD5273BRJZ1-R2 Datasheet HTML 12Page - Analog Devices AD5273BRJZ1-R2 Datasheet HTML 13Page - Analog Devices AD5273BRJZ1-R2 Datasheet HTML 14Page - Analog Devices AD5273BRJZ1-R2 Datasheet HTML 15Page - Analog Devices AD5273BRJZ1-R2 Datasheet HTML 16Page - Analog Devices AD5273BRJZ1-R2 Datasheet HTML 17Page - Analog Devices AD5273BRJZ1-R2 Datasheet HTML 18Page - Analog Devices AD5273BRJZ1-R2 Datasheet HTML 19Page - Analog Devices AD5273BRJZ1-R2 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AD5273
Data Sheet
Rev. J | Page 16 of 20
CONTROLLING THE AD5273
I2C CONTROLLER PROGRAMMING
Write Bit Patterns
Figure 39. Writing to the RDAC Register
Figure 40. Activating One-Time Programming
Read Bit Pattern
Figure 41. Reading Data from the RDAC Register
For users who do not use the software solution, the AD5273 can
be controlled via an I2C-compatible serial bus and is connected
to this bus as a slave device. Referring to Figure 39, Figure 40,
and Figure 41, the 2-wire I2C serial bus protocol operates as
follows:
1. The master initiates data transfer by establishing a start
condition. A start condition is defined as a high-to-low
transition on the SDA line while SCL is high, as shown in
Figure 39. The byte following the start condition is the
slave address byte, which consists of six MSBs defined as
010110. The next bit is AD0; it is an I2C device address bit.
Depending on the states of the AD0 bits, two AD5273s can
be addressed on the same bus, as shown in Figure 42. The
last LSB is the R/W bit, which determines whether data is
read from or written to the slave device.
The slave address corresponding to the transmitted address
responds by pulling the SDA line low during the ninth
clock pulse (this is termed the acknowledge bit). At this
stage, all other devices on the bus remain idle while the
selected device waits for data to be written to or read from
its serial register.
2. A write operation contains one more instruction byte than
the read operation. The instruction byte in the write mode
follows the slave address byte. The MSB of the instruction
byte labeled T is the OTP bit. After acknowledging the
instruction byte, the last byte in the write mode is the data
byte. Data is transmitted over the serial bus in sequences of
nine clock pulses (eight data bits followed by an acknowl-
edge bit). The transitions on the SDA line must occur during
the low period of SCL and remain stable during the high
period of SCL, as shown in Figure 39.
3. In read mode, the data byte follows immediately after the
acknowledgment of the slave address byte. Data is trans-
mitted over the serial bus in sequences of nine clock pulses
(slight difference from write mode, there are eight data bits
followed by a no acknowledge bit). Similarly, the transitions
on the SDA line must occur during the low period of SCL
and remain stable during the high period of SCL, as shown
in Figure 41.
ACK. BY
AD5273
ACK. BY
AD5273
ACK. BY
AD5273
SDA
FRAME 1
SLAVE ADDRESS BYTE
SCL
STOP BY
MASTER
START BY
MASTER
0
0
1
0
1
1
0
AD0 R/W
0
X
X
X
X
X
X
X
X
X
D5
D4
D3
D2
D1
D0
8
0
8
0
8
FRAME 2
INSTRUCTION BYTE
FRAME 1
DATA BYTE
ACK. BY
AD5273
ACK. BY
AD5273
ACK. BY
AD5273
FRAME 1
SLAVE ADDRESS BYTE
STOP BY
MASTER
START BY
MASTER
FRAME 2
INSTRUCTION BYTE
FRAME 1
DATA BYTE
SDA
SCL
0
0
1
0
1
1
0
AD0 R/W
1
X
X
X
X
X
X
X
X
X
D5
D4
D3
D2
D1
D0
8
0
8
0
8
ACK. BY
AD5273
NO ACK. BY
AD5273
FRAME 1
SLAVE ADDRESS BYTE
STOP BY
MASTER
START BY
MASTER
FRAME 2
DATA BYTE FROM SELECTED
RDAC REGISTER
SDA
SCL
0
1
0
1
1
0
AD0 R/W
E1
E0
D5
D4
D3
D2
D1
D0
0
8
0
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com