Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5273BRJZ1-R2 Datasheet(PDF) 6 Page - Analog Devices

Part # AD5273BRJZ1-R2
Description  64-Position OTP Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5273BRJZ1-R2 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5273BRJZ1-R2 Datasheet HTML 2Page - Analog Devices AD5273BRJZ1-R2 Datasheet HTML 3Page - Analog Devices AD5273BRJZ1-R2 Datasheet HTML 4Page - Analog Devices AD5273BRJZ1-R2 Datasheet HTML 5Page - Analog Devices AD5273BRJZ1-R2 Datasheet HTML 6Page - Analog Devices AD5273BRJZ1-R2 Datasheet HTML 7Page - Analog Devices AD5273BRJZ1-R2 Datasheet HTML 8Page - Analog Devices AD5273BRJZ1-R2 Datasheet HTML 9Page - Analog Devices AD5273BRJZ1-R2 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD5273
Data Sheet
Rev. J | Page 6 of 20
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 2.
Parameter
Rating
V
DD to GND
−0.3 V +6.5 V
V
A, VB, VW to GND
GND, V
DD
Maximum Current
I
WB, IWA Pulsed
±20 mA
I
WB Continuous (RWB ≤ 1 kΩ, A Open)
1
±4 mA
I
WA Continuous (RWA ≤ 1 kΩ, B Open)
±4 mA
Digital Input and Output Voltage to GND
0 V, V
DD
Operating Temperature Range
−40°C to +105°C
Maximum Junction Temperature (T
J max)
150°C
Storage Temperature
−65°C to +150°C
Reflow Soldering
Peak Temperature
260°C
Time at Peak Temperature
20 sec to 40 sec
Thermal Resistance θ
JA, SOT-23
2
230°C/W
1 Maximum terminal current is bounded by the maximum current handling
of the switches, the maximum power dissipation of the package; the maxi-
mum applied voltage across any two of the A, B, and W terminals at a given
resistance.
2 Package power dissipation = (T
J max – TA)/θJA.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com