Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7193 Datasheet (PDF) - Analog Devices

AD7193 Datasheet PDF - Analog Devices
Part # AD7193
Download  AD7193 Download
File Size   767.79 Kbytes
Page   56 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4-Channel, 4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA

AD7193 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7193 Datasheet PDF - Analog Devices

Part # AD7193
Download  AD7193 Click to download

File Size   767.79 Kbytes
Page   56 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4-Channel, 4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA

AD7193 Datasheet (HTML) - Analog Devices


AD7193 Product details

GENERAL DESCRIPTION

The AD7193 is a low noise, complete analog front end for high precision measurement applications. It contains a low noise, 24-bit sigma-delta (Σ-Δ) analog-to-digital converter (ADC). The on-chip low noise gain stage means that signals of small amplitude can interface directly to the ADC.



FEATURES

Fast settling filter option

4 differential/8 pseudo differential input channels

RMS noise: 11 nV @ 4.7 Hz (gain = 128)

15.5 noise-free bits @ 2.4 kHz (gain = 128)

Up to 22 noise-free bits (gain = 1)

Offset drift: ±5 nV/°C

Gain drift: ±1 ppm/°C

Specified drift over time

Automatic channel sequencer

Programmable gain (1 to 128)

Output data rate: 4.7 Hz to 4.8 kHz

Internal or external clock

Simultaneous 50 Hz/60 Hz rejection

4 general-purpose digital outputs

Power supply

  AVDD: 3 V to 5.25 V

  DVDD: 2.7 V to 5.25 V

Current: 4.65 mA

Temperature range: −40°C to +105°C

Package: 28-lead TSSOP

Interface

   3-wire serial

   SPI, QSPI™, MICROWIRE™, and DSP compatible

  Schmitt trigger on SCLK



APPLICATIONS

PLC/DCS analog input modules

Data acquisition

Strain gage transducers

Pressure measurement




Similar Part No. - AD7193

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7193 AD-AD7193 Datasheet
476Kb / 9P
Devices Connected
Rev. C
AD7193 AD-AD7193 Datasheet
1Mb / 57P
24-Bit Sigma-Delta ADC with PGA
02-Aug-2017
AD7193BCPZ AD-AD7193BCPZ Datasheet
1Mb / 57P
24-Bit Sigma-Delta ADC with PGA
02-Aug-2017
AD7193BCPZ-RL AD-AD7193BCPZ-RL Datasheet
1Mb / 57P
24-Bit Sigma-Delta ADC with PGA
02-Aug-2017
AD7193BCPZ-RL7 AD-AD7193BCPZ-RL7 Datasheet
1Mb / 57P
24-Bit Sigma-Delta ADC with PGA
02-Aug-2017
More results


Similar Description - AD7193

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7190 AD-AD7190 Datasheet
178Kb / 21P
4.8 kHz Ultra-Low Noise 24-Bit Sigma-Delta ADC with PGA
Rev.PrD 7/08
AD7190 AD-AD7190_08 Datasheet
749Kb / 40P
4.8 kHz Ultralow Noise 24-Bit Sigma-Delta ADC with PGA
REV. 0
AD7192 AD-AD7192 Datasheet
711Kb / 40P
4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA
REV. A
AD7194 AD-AD7194 Datasheet
1,002Kb / 56P
8-Channel, 4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA
REV. 0
AD7195 AD-AD7195 Datasheet
662Kb / 44P
4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA and AC Excitation
REV. 0
AD7124-4 AD-AD7124-4 Datasheet
1Mb / 90P
4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. A
AD7195 AD-AD7195_15 Datasheet
546Kb / 45P
4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA and AC Excitation
Rev. 0
AD7193 AD-AD7193_17 Datasheet
1Mb / 57P
24-Bit Sigma-Delta ADC with PGA
02-Aug-2017
AD7194 AD-AD7194_17 Datasheet
1Mb / 55P
24-Bit Sigma-Delta ADC with PGA
07-Jul-2017
AD7190 AD-AD7190_17 Datasheet
679Kb / 41P
4.8 kHz Ultralow Noise 24-Bit Sigma-Delta ADC
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com