Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7195 Datasheet (PDF) - Analog Devices

AD7195 Datasheet PDF - Analog Devices
Part # AD7195
Download  AD7195 Download
File Size   662.91 Kbytes
Page   44 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA and AC Excitation

AD7195 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7195 Datasheet PDF - Analog Devices

Part # AD7195
Download  AD7195 Click to download

File Size   662.91 Kbytes
Page   44 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA and AC Excitation

AD7195 Datasheet (HTML) - Analog Devices


AD7195 Product details

GENERAL DESCRIPTION
The AD7195 is a low noise, complete analog front end for high precision measurement applications. It contains a low noise, 24-bit sigma-delta (Σ-Δ) analog-to-digital converter (ADC). The on-chip low noise gain stage means that signals of small amplitude can be interfaced directly to the ADC. The AD7195 contains ac excitation, which is used to remove dc-induced offsets from bridge sensors.

FEATURES
    AC or DC sensor excitation
    RMS noise: 8.5 nV at 4.7 Hz (gain = 128)
    16 noise-free bits at 2.4 kHz (gain = 128)
    Up to 22.5 noise-free bits (gain = 1)
    Offset drift: 5 nV/°C
    Gain drift: 1 ppm/°C
    Specified drift over time
    2 differential/4 pseudo differential input channels
    Automatic channel sequencer
    Programmable gain (1 to 128)
    Output data rate: 4.7 Hz to 4.8 kHz
    Internal or external clock
    Simultaneous 50 Hz/60 Hz rejection
    Power supply
        AVDD: 4.75 V to 5.25 V
        DVDD: 2.7 V to 5.25 V
    Current: 6 mA
    Temperature range: –40°C to +105°C
    Package: 32-lead LFCSP

INTERFACE
    3-wire serial
    SPI, QSPI™, MICROWIRE™, and DSP compatible
    Schmitt trigger on SCLK

APPLICATIONS
    Weigh scales
    Strain gage transducers
    Pressure measurement
    Temperature measurement
    Chromatography
    PLC/DCS analog input modules
    Data acquisition
    Medical and scientific instrumentation




Similar Part No. - AD7195

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7195 AD-AD7195 Datasheet
1,010Kb / 45P
Sigma-Delta ADC with PGA and AC Excitation
30-Aug-2017
AD7195BCPZ AD-AD7195BCPZ Datasheet
546Kb / 45P
4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA and AC Excitation
Rev. 0
AD7195BCPZ AD-AD7195BCPZ Datasheet
1,010Kb / 45P
Sigma-Delta ADC with PGA and AC Excitation
30-Aug-2017
AD7195BCPZ-RL AD-AD7195BCPZ-RL Datasheet
546Kb / 45P
4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA and AC Excitation
Rev. 0
AD7195BCPZ-RL AD-AD7195BCPZ-RL Datasheet
1,010Kb / 45P
Sigma-Delta ADC with PGA and AC Excitation
30-Aug-2017
More results


Similar Description - AD7195

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7190 AD-AD7190 Datasheet
178Kb / 21P
4.8 kHz Ultra-Low Noise 24-Bit Sigma-Delta ADC with PGA
Rev.PrD 7/08
AD7190 AD-AD7190_08 Datasheet
749Kb / 40P
4.8 kHz Ultralow Noise 24-Bit Sigma-Delta ADC with PGA
REV. 0
AD7192 AD-AD7192 Datasheet
711Kb / 40P
4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA
REV. A
AD7193 AD-AD7193 Datasheet
767Kb / 56P
4-Channel, 4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA
REV. A
AD7194 AD-AD7194 Datasheet
1,002Kb / 56P
8-Channel, 4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA
REV. 0
AD7195 AD-AD7195_15 Datasheet
546Kb / 45P
4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA and AC Excitation
Rev. 0
AD7193 AD-AD7193_17 Datasheet
1Mb / 57P
24-Bit Sigma-Delta ADC with PGA
02-Aug-2017
AD7194 AD-AD7194_17 Datasheet
1Mb / 55P
24-Bit Sigma-Delta ADC with PGA
07-Jul-2017
AD7195 AD-AD7195_17 Datasheet
1,010Kb / 45P
Sigma-Delta ADC with PGA and AC Excitation
30-Aug-2017
AD7190 AD-AD7190_17 Datasheet
679Kb / 41P
4.8 kHz Ultralow Noise 24-Bit Sigma-Delta ADC
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com