Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB1594 Datasheet (PDF) - Toshiba Semiconductor

2SB1594 Datasheet PDF - Toshiba Semiconductor
Part # 2SB1594
Download  2SB1594 Download
File Size   149.07 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TRANSISTOR (POWER AMPLIFIER APPLICATIONS)

2SB1594 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SB1594 Datasheet PDF - Toshiba Semiconductor

Part # 2SB1594
Download  2SB1594 Click to download

File Size   149.07 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TRANSISTOR (POWER AMPLIFIER APPLICATIONS)

2SB1594 Datasheet (HTML) - Toshiba Semiconductor


2SB1594 Product details

Power Amplifier Applications

• High breakdown voltage: VCEO = −160 V (min)
• Complementary to 2SD2449




Similar Part No. - 2SB1594

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1590K ROHM-2SB1590K Datasheet
71Kb / 3P
Power Transistor (-15V, -1A)
logo
Foshan Blue Rocket Elec...
2SB1590K FOSHAN-2SB1590K Datasheet
712Kb / 6P
Silicon PNP transistor in a SOT-23 Plastic Package
logo
Rohm
2SB1590K ROHM-2SB1590K Datasheet
1Mb / 8P
Low frequency amplifier
20160303 - Rev.001
2SB1590KT146Q ROHM-2SB1590KT146Q Datasheet
1Mb / 8P
Low frequency amplifier
20160303 - Rev.001
2SB1590K ROHM-2SB1590K_V01 Datasheet
1Mb / 8P
Low frequency amplifier
20160303 - Rev.001
More results


Similar Description - 2SB1594

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1020 TOSHIBA-2SA1020 Datasheet
194Kb / 3P
TRANSISTOR (POWER AMPLIFIER APPLICATIONS)
2SA1225 TOSHIBA-2SA1225 Datasheet
148Kb / 3P
TRANSISTOR (POWER AMPLIFIER APPLICATIONS)
2SA1803 TOSHIBA-2SA1803 Datasheet
152Kb / 2P
TRANSISTOR (POWER AMPLIFIER APPLICATIONS)
2SA1869 TOSHIBA-2SA1869 Datasheet
147Kb / 2P
TRANSISTOR (POWER AMPLIFIER APPLICATIONS)
2SA1940 TOSHIBA-2SA1940 Datasheet
148Kb / 2P
TRANSISTOR (POWER AMPLIFIER APPLICATIONS)
2SA1941 TOSHIBA-2SA1941 Datasheet
147Kb / 2P
TRANSISTOR (POWER AMPLIFIER APPLICATIONS)
2SA1986 TOSHIBA-2SA1986 Datasheet
150Kb / 2P
TRANSISTOR (POWER AMPLIFIER APPLICATIONS)
2SB1555 TOSHIBA-2SB1555 Datasheet
138Kb / 2P
TRANSISTOR (POWER AMPLIFIER APPLICATIONS)
2SB1602 TOSHIBA-2SB1602 Datasheet
189Kb / 3P
TRANSISTOR (POWER AMPLIFIER APPLICATIONS)
2SC2881 TOSHIBA-2SC2881 Datasheet
159Kb / 2P
TRANSISTOR (POWER AMPLIFIER APPLICATIONS)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com