Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2881 Datasheet (PDF) - Toshiba Semiconductor

2SC2881 Datasheet PDF - Toshiba Semiconductor
Part # 2SC2881
Download  2SC2881 Download
File Size   159.12 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TRANSISTOR (POWER AMPLIFIER APPLICATIONS)

2SC2881 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC2881 Datasheet PDF - Toshiba Semiconductor

Part # 2SC2881
Download  2SC2881 Click to download

File Size   159.12 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TRANSISTOR (POWER AMPLIFIER APPLICATIONS)

2SC2881 Datasheet (HTML) - Toshiba Semiconductor


2SC2881 Product details

Voltage Amplifier Applications
Power Amplifier Applications

• High voltage: VCEO = 120 V
• High transition frequency: fT = 120 MHz (typ.)
• Small flat package
• PC = 1.0 to 2.0 W (mounted on ceramic substrate)
• Complementary to 2SA1201




Similar Part No. - 2SC2881

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SC2881 UTC-2SC2881 Datasheet
115Kb / 3P
VOLTAGE AMPLIFIER APPLICATIONS POWER AMPLIFIER APPLICATIONS
logo
Guangdong Kexin Industr...
2SC2881 KEXIN-2SC2881 Datasheet
357Kb / 2P
Voltage Amplifier Applications
logo
Toshiba Semiconductor
2SC2881 TOSHIBA-2SC2881 Datasheet
146Kb / 4P
Voltage Amplifier Applications Power Amplifier Applications
logo
Shenzhen Jin Yu Semicon...
2SC2881 HTSEMI-2SC2881 Datasheet
340Kb / 1P
TRANSISTOR (NPN)
logo
WILLAS ELECTRONIC CORP
2SC2881 WILLAS-2SC2881 Datasheet
199Kb / 2P
SOT-89 Plastic-Encapsulate Transistors
More results


Similar Description - 2SC2881

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1020 TOSHIBA-2SA1020 Datasheet
194Kb / 3P
TRANSISTOR (POWER AMPLIFIER APPLICATIONS)
2SA1225 TOSHIBA-2SA1225 Datasheet
148Kb / 3P
TRANSISTOR (POWER AMPLIFIER APPLICATIONS)
2SA1803 TOSHIBA-2SA1803 Datasheet
152Kb / 2P
TRANSISTOR (POWER AMPLIFIER APPLICATIONS)
2SA1869 TOSHIBA-2SA1869 Datasheet
147Kb / 2P
TRANSISTOR (POWER AMPLIFIER APPLICATIONS)
2SA1940 TOSHIBA-2SA1940 Datasheet
148Kb / 2P
TRANSISTOR (POWER AMPLIFIER APPLICATIONS)
2SA1941 TOSHIBA-2SA1941 Datasheet
147Kb / 2P
TRANSISTOR (POWER AMPLIFIER APPLICATIONS)
2SA1986 TOSHIBA-2SA1986 Datasheet
150Kb / 2P
TRANSISTOR (POWER AMPLIFIER APPLICATIONS)
2SB1555 TOSHIBA-2SB1555 Datasheet
138Kb / 2P
TRANSISTOR (POWER AMPLIFIER APPLICATIONS)
2SB1594 TOSHIBA-2SB1594 Datasheet
149Kb / 3P
TRANSISTOR (POWER AMPLIFIER APPLICATIONS)
2SB1602 TOSHIBA-2SB1602 Datasheet
189Kb / 3P
TRANSISTOR (POWER AMPLIFIER APPLICATIONS)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com