Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9267EBZ Datasheet (PDF) - Analog Devices

AD9267EBZ Datasheet PDF - Analog Devices
Part # AD9267EBZ
Download  AD9267EBZ Download
File Size   531.75 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10 MHz Bandwidth, 640 MSPS Dual Continuous Time Sigma-Delta Modulator

AD9267EBZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9267EBZ Datasheet PDF - Analog Devices

Part # AD9267EBZ
Download  AD9267EBZ Click to download

File Size   531.75 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10 MHz Bandwidth, 640 MSPS Dual Continuous Time Sigma-Delta Modulator

AD9267EBZ Datasheet (HTML) - Analog Devices


AD9267EBZ Product details

GENERAL DESCRIPTION
The AD9267 is a dual continuous time (CT) sigma-delta (Σ-Δ) modulator with −88 dBc of dynamic range over 10 MHz real or 20 MHz complex bandwidth. The combination of high dynamic range, wide bandwidth, and characteristics unique to the continuous time Σ-Δ modulator architecture makes the AD9267 an ideal solution for wireless communication systems.

FEATURES
    SNR: 83 dB (85 dBFS) to 10 MHz input
    SFDR: −88 dBc to 10 MHz input
    Noise figure: 15 dB
    Input impedance: 1 kΩ
    Power: 416 mW
    10 MHz real or 20 MHz complex bandwidth
    1.8 V analog supply operation
    On-chip PLL clock multiplier
    On-chip voltage reference
    Twos complement data format
    640 MSPS, 4-bit LVDS data output
    Serial control interface (SPI)

APPLICATIONS
    Baseband quadrature receivers: CDMA2000, W-CDMA, multicarrier GSM/EDGE, 802.16x, and LTE
    Quadrature sampling instrumentation




Similar Part No. - AD9267EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9267EBZ AD-AD9267EBZ Datasheet
555Kb / 25P
Dual Continuous Time Sigma-Delta Modulator
Rev. 0
More results


Similar Description - AD9267EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7401 AD-AD7401 Datasheet
462Kb / 20P
Isolated Sigma-Delta Modulator
3/06-Revision 0
logo
Maxim Integrated Produc...
DS8102 MAXIM-DS8102 Datasheet
157Kb / 9P
Dual Delta-Sigma Modulator and Encoder
Rev 1; 2/09
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-7970 AVAGO-ACPL-7970 Datasheet
651Kb / 18P
Optically Isolated Sigma-Delta Modulator 10 MHz internal clock
logo
Analog Devices
AD7400 AD-AD7400_15 Datasheet
378Kb / 20P
Isolated Sigma-Delta Modulator
Rev. G
AD7401 AD-AD7401_15 Datasheet
347Kb / 20P
Isolated Sigma-Delta Modulator
REV. D
AD9262 AD-AD9262 Datasheet
1Mb / 32P
16-Bit, 2.5 MHz/5 MHz/10 MHz, 30 MSPS to 160 MSPS Dual Continuous Time Sigma-Delta ADC
REV. A
AD9261 AD-AD9261 Datasheet
577Kb / 29P
16-Bit, 10 MHz Bandwidth, 30 MSPS to 160 MSPS Continuous Time Sigma-Delta ADC
Rev. 0
AD9262 AD-AD9262_17 Datasheet
1Mb / 33P
30 MSPS to 160 MSPS Dual Continuous Time Sigma-Delta ADC
Rev. A
AD9267 AD-AD9267_17 Datasheet
555Kb / 25P
Dual Continuous Time Sigma-Delta Modulator
Rev. 0
AD7401A AD-AD7401A_V01 Datasheet
551Kb / 20P
Isolated Sigma-Delta Modulator
Rev. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com