Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9267EBZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD9267EBZ
Description  10 MHz Bandwidth, 640 MSPS Dual Continuous Time Sigma-Delta Modulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9267EBZ Datasheet(HTML) 3 Page - Analog Devices

  AD9267EBZ Datasheet HTML 1Page - Analog Devices AD9267EBZ Datasheet HTML 2Page - Analog Devices AD9267EBZ Datasheet HTML 3Page - Analog Devices AD9267EBZ Datasheet HTML 4Page - Analog Devices AD9267EBZ Datasheet HTML 5Page - Analog Devices AD9267EBZ Datasheet HTML 6Page - Analog Devices AD9267EBZ Datasheet HTML 7Page - Analog Devices AD9267EBZ Datasheet HTML 8Page - Analog Devices AD9267EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
AD9267
Rev. 0 | Page 3 of 24
SPECIFICATIONS
DC SPECIFICATIONS
All power supplies set to 1.8 V, 640 MHz sample rate, 0.5 V internal reference, PLL disabled, AIN1 = −2.0 dBFS, unless otherwise noted.
Table 1.
Parameter
Temp
Min
Typ
Max
Unit
RESOLUTION
Full
16
Bits
ANALOG INPUT BANDWIDTH
10
MHz
ACCURACY
No Missing Codes
Full
Guaranteed
Offset Error
Full
±0.025
±0.2
% FSR
Gain Error
Full
±0.7
±2.5
% FSR
Integral Nonlinearity (INL)2
25°C
±1.5
LSB
MATCHING CHARACTERISTIC
Offset Error
Full
±0.035
±0.2
% FSR
Gain Error
Full
±0.2
±1.2
% FSR
TEMPERATURE DRIFT
Offset Error
Full
±1.5
ppm/°C
Gain Error
Full
±47
ppm/°C
INTERNAL VOLTAGE REFERENCE
Full
496
500
505
mV
ANALOG INPUT
Input Span, VREF = 0.5 V
Full
2
V p-p diff
Input Resistance
Full
1
kΩ
Input Common Mode
Full
1.7
1.8
1.9
V
POWER SUPPLIES
Supply Voltage
AVDD
Full
1.7
1.8
1.9
V
CVDD
Full
1.7
1.8
1.9
V
DVDD
Full
1.7
1.8
1.9
V
DRVDD
Full
1.7
1.8
1.9
V
Supply Current
IAVDD2, PLL Enabled
Full
150.7
162
mA
IAVDD2, PLL Disabled
Full
151.2
161
mA
ICVDD2, PLL Enabled
Full
57
63
mA
ICVDD2, PLL Disabled
Full
8
9.2
mA
IDVDD2
Full
71.5
78
mA
IDRVDD2
Full
0.26
0.3
mA
POWER CONSUMPTION
Sine Wave Input2, PLL Disabled
Full
416
mW
Sine Wave Input, PLL Enabled
Full
503
mW
Power-Down Power
25°C
110
mW
Standby Power
25°C
9
mW
Sleep Power
Full
3
4
mW
1 Input power is referenced to full scale. Therefore, all measurements were taken with a 2 dB signal below full scale, unless otherwise noted.
2 Measured with a low input frequency, full-scale sine wave with approximately 5 pF loading on each output bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com