Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9267EBZ Datasheet(PDF) 23 Page - Analog Devices

Part # AD9267EBZ
Description  10 MHz Bandwidth, 640 MSPS Dual Continuous Time Sigma-Delta Modulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9267EBZ Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9267EBZ Datasheet HTML 16Page - Analog Devices AD9267EBZ Datasheet HTML 17Page - Analog Devices AD9267EBZ Datasheet HTML 18Page - Analog Devices AD9267EBZ Datasheet HTML 19Page - Analog Devices AD9267EBZ Datasheet HTML 20Page - Analog Devices AD9267EBZ Datasheet HTML 21Page - Analog Devices AD9267EBZ Datasheet HTML 22Page - Analog Devices AD9267EBZ Datasheet HTML 23Page - Analog Devices AD9267EBZ Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
AD9267
Rev. 0 | Page 23 of 24
MEMORY MAP
Table 16. Memory Map
Register
Address (Hex)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SPI Port Config
00
0
LSBFIRST
SOFTRESET
1
1
SOFTRESET
LSBFIRST
0
Chip ID
01
CHIPID[7:0]
Chip Grade
02
CHILDID[1:0]
Channel Index
05
Channel[1:0]
Power Modes
08
PWRDWN[1:0]
PLLENABLE
09
PLLENABLE
PLL
0A
PLLLOCKED
PLLAUTO
PLLMULT[5:0]
Output Modes
14
DRVSTD
OUTENB
Output Adjust
15
LVDSTERM[1:0]
Output Clock
16
DCOINV
Reference
18
EXTREF
Overrange
111
AUTORST
OR_IND1
OR_IND2
MEMORY MAP DEFINITIONS
Table 17. Memory Map Definitions
Register
Address
Bit Name
Bit(s)
Default
Description
SPI Port Config
0x00
LSBFIRST
[6], [1]
0
0: serial interface uses MSB-first format
1: serial interface uses LSB-first format
SOFTRESET
[5], [2]
0
1: default all serial registers except 0x00, 0x09, and 0x0A
Chip ID
0x01
CHIPID
[7:0]
0x22
0x22: AD9267
Chip Grade
0x02
CHILDID
5:4]
0
0x00: 10 MHz bandwidth
0x10: 5 MHz bandwidth
0x20: 2.5 MHz bandwidth
0x30: modulator only
Channel Index
0x05
Channel
[1:0]
0
0x1: Channel A only addressed
0x2: Channel B only addressed
0x3: both channels addressed simultaneously
Power Modes
0x08
PWRDWN
[1:0]
0
0x0: normal operation
0x1: channel power-down (local)
0x2: standby (everything except reference circuits)
0x3: sleep
PLLENABLE
0x09
PLLENABLE
[2]
0
1: enable PLL
PLL
0x0A
PLLLOCKED
[7]
0
0: PLL is not locked
1: PLL is locked
PLLAUTO
[6]
0
0: disable PLL auto band select
1: enable PLL auto band select
PLLMULT
[5:0]
0
See
Table 8
Output Modes
0x14
DRVSTD
[7]
0
0: ANSI-644
1: Low power (IEEE1596.3 similar)
OUTENB
[4]
0
1: Channel A and Channel B outputs tristated
Output Adjust
0x15
LVDSTERM
[5:4]
0
0: no termination
1: 200 Ω
2: 100 Ω
3: 100 Ω
Output Clock
0x16
DCOINV
[7]
0
1: invert DCO±
Reference
0x18
EXTREF
[6]
0
1: use external reference
Overrange
0x111
AUTORST
[7]
0
1: enable autoreset
OR_IND1
[6]
0
See
Table 12
OR_IND2
[5]
0
See
Table 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com