Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9267EBZ Datasheet(PDF) 22 Page - Analog Devices

Part # AD9267EBZ
Description  10 MHz Bandwidth, 640 MSPS Dual Continuous Time Sigma-Delta Modulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9267EBZ Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9267EBZ Datasheet HTML 16Page - Analog Devices AD9267EBZ Datasheet HTML 17Page - Analog Devices AD9267EBZ Datasheet HTML 18Page - Analog Devices AD9267EBZ Datasheet HTML 19Page - Analog Devices AD9267EBZ Datasheet HTML 20Page - Analog Devices AD9267EBZ Datasheet HTML 21Page - Analog Devices AD9267EBZ Datasheet HTML 22Page - Analog Devices AD9267EBZ Datasheet HTML 23Page - Analog Devices AD9267EBZ Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
AD9267
Rev. 0 | Page 22 of 24
Referring to Figure 46, the 3 dB cutoff frequency of the low-
pass Chebyshev II filter response resides at 15.75 MHz, and at
10 MHz, there is 0.43 dB of attenuation due to the sharp roll-off
of the filter. Table 15 summarizes the components and
manufacturers used to build the circuit.
Table 15. Chebyshev II Filter Components
Parameter
Value
Unit
Manufacturer
C1
39
pF
Murata GRM188 series, 0603
L1
180
nH
Coil Craft 0402AF, 2%
C2
390
pF
Murata GRM188 series, 0603
C3
220
pF
Murata GRM188 series, 0603
–20
0
2
4
6
8
1012
14161820
–18
–16
–14
–12
–10
–8
–6
–4
–2
0
–60
–50
–40
–30
–20
–10
0
10
20
30
40
FREQUENCY (MHz)
Figure 46. Low-Pass Chebyshev II Filter Response
In addition to matching the profile of Figure 44, group delay
and channel matching are important filter design criteria. Low
tolerance components are highly recommended for improved
channel matching, which translates to minimal degradation in
image rejection for quadrature systems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com