Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9267EBZ Datasheet(PDF) 14 Page - Analog Devices

Part # AD9267EBZ
Description  10 MHz Bandwidth, 640 MSPS Dual Continuous Time Sigma-Delta Modulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9267EBZ Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9267EBZ Datasheet HTML 10Page - Analog Devices AD9267EBZ Datasheet HTML 11Page - Analog Devices AD9267EBZ Datasheet HTML 12Page - Analog Devices AD9267EBZ Datasheet HTML 13Page - Analog Devices AD9267EBZ Datasheet HTML 14Page - Analog Devices AD9267EBZ Datasheet HTML 15Page - Analog Devices AD9267EBZ Datasheet HTML 16Page - Analog Devices AD9267EBZ Datasheet HTML 17Page - Analog Devices AD9267EBZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
AD9267
Rev. 0 | Page 14 of 24
Differential Input Configurations
Optimum performance can be achieved by driving the AD9267
in a differential input configuration. The ADA4937-2 differential
driver provides excellent performance and a flexible interface to
the ADC. The output common-mode voltage of the ADA4937-2 is
easily set by connecting AVDD to the VOCMx pin of the ADA4937-2
(see Figure 33). The noise and linearity of the ADA4937-2 needs
important consideration because the system performance may
be limited by the ADA4937-2.
11
6
7
13
12
9
15
200Ω
200Ω
200Ω
60.4Ω
49.9Ω
50Ω
SIGNAL
SOURCE
2V p-p
RT
60.4
VS
VIN–x
VIN+x
0.1µF
0.1µF
0.1µF
+5V
–5V
ADA4937-2
VOCM2
AD9267
0.1µF
AVDD
+1.8V
Figure 33. Differential Input Configuration Using the ADA4937-2
For frequencies offset from dc, where SNR is a key parameter,
differential transformer coupling is the recommended input
configuration. An example is shown in Figure 34. The center
tap of the secondary winding of the transformer is connected to
AVDD to bias the analog input.
The signal characteristics must be considered when selecting a
transformer. Most RF transformers saturate at frequencies
below a couple of megahertz (MHz), and excessive signal power
can cause core saturation, which leads to distortion.
50Ω
SIGNAL
SOURCE
2V p-p
1:1
RT
50Ω
VS
VIN–x
VIN+x
0.1µF
AVDD
AD9267
Figure 34. Differential Transformer Configuration
Voltage Reference
A stable and accurate 0.5 V voltage reference is built into the
AD9267. The reference voltage should be decoupled to minim-
ize the noise bandwidth using a 10 μF capacitor. The reference
is used to generate a bias current into a matched resistor such
that when used to bias the current in the feedback DAC, a
voltage of AVDD − 0.5 V is developed at the internal side of the
input resistors (see Figure 35). The current bias circuit should
also be decoupled on the CFILT pin with a 10 μF capacitor. For
this reason, the VREF voltage should always be 0.5 V.
AVDD
AVDD – 0.5V
CFILT
AVDD – 0.5V
500Ω
TO LOOP
FILTER
STAGE 2
500Ω
VIN+x
VCM =AVDD
VIN p-p = 2V
VIN–x
500Ω
10kΩ
10µF
0.5V
VREF
10µF
REF
Figure 35. Voltage Reference Loop
Internal Reference Connection
To minimize thermal noise, the internal reference on the AD9267
is an unbuffered 0.5 V. It has an internal 10 kΩ series resistor,
which, when externally decoupled with a 10 μF capacitor, limits
the noise (see Figure 36). Do not use the unbuffered reference
to drive any external circuitry. The internal reference is used by
default and when Serial Register 0x18[6] is reset.
10kΩ
2.85kΩ
8.5kΩ
3.5kΩ
0.5V
TO CURRENT
GENERATOR
10µF
Figure 36. Internal Reference Configuration
External Reference Operation
If an external reference is desired, the internal reference can be
disabled by setting Serial Register 0x18[6] high. Figure 37 shows
an application using the ADR130B as a stable external reference.
0.5V
ADR130B
TO CURRENT
GENERATOR
0.1µF
10µF
AVDD
10kΩ
Figure 37. External Reference Configuration
CLOCK INPUT CONSIDERATIONS
The AD9267 offers two modes of sourcing the ADC sample
clock (CLK+ and CLK−). The first mode uses an on-chip clock
multiplier that accepts a reference clock operating at the lower
input frequency. The on-chip phase-locked loop (PLL) then
multiplies the reference clock up to a higher frequency, which is
then used to generate all the internal clocks required by the Σ-Δ
modulator.
The clock multiplier provides a high quality clock that meets
the performance requirements of most applications. Using the
on-chip clock multiplier removes the burden of generating and
distributing the high speed clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com