Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9572 Datasheet (PDF) - Analog Devices

AD9572 Datasheet PDF - Analog Devices
Part # AD9572
Download  AD9572 Download
File Size   421.72 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Fiber Channel/Ethernet Clock Generator IC, PLL Core, Dividers, 7 Clock Outputs

AD9572 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9572 Datasheet PDF - Analog Devices

Part # AD9572
Download  AD9572 Click to download

File Size   421.72 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Fiber Channel/Ethernet Clock Generator IC, PLL Core, Dividers, 7 Clock Outputs

AD9572 Datasheet (HTML) - Analog Devices


AD9572 Product details

GENERAL DESCRIPTION
The AD9572 provides a multioutput clock generator function along with two on-chip PLL cores, optimized for fiber channel line card applications that include an Ethernet interface. The integer-N PLL design is based on the Analog Devices, Inc., proven portfolio of high performance, low jitter frequency synthesizers to maximize network performance. Other applications with demanding phase noise and jitter requirements also benefit from this part.

FEATURES
    Fully integrated dual VCO/PLL cores
        0.22 ps rms jitter from 0.637 MHz to 10 MHz at 106.25 MHz
        0.19 ps rms jitter from 1.875 MHz to 20 MHz at 156.25 MHz
        0.42 ps rms jitter from 12 kHz to 20 MHz at 125 MHz
        Input crystal or clock frequency of 25 MHz
    Preset divide ratios for 106.25 MHz, 156.25 MHz, 33.33 MHz, 100 MHz, and 125 MHz
    Choice of LVPECL or LVDS output format
    Integrated loop filters
    Copy of reference clock output
    Rates configured via strapping pins
    0.71 W power dissipation (LVDS operation)
    1.07 W power dissipation (LVPECL operation)
    3.3 V operation
    Space saving, 6 mm × 6 mm, 40-lead LFCSP

APPLICATIONS
    Fiber channel line cards, switches, and routers
    Gigabit Ethernet/PCIe support included
    Low jitter, low phase noise clock generation




Similar Part No. - AD9572

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9571 AD-AD9571 Datasheet
367Kb / 20P
Ethernet Clock Generator, 10 Clock Outputs
REV. 0
AD9573 AD-AD9573 Datasheet
297Kb / 12P
PCI-Express Clock Generator IC, PLL Core, Dividers, Two Outputs
REV. 0
AD9573-EVALZ AD-AD9573-EVALZ Datasheet
297Kb / 12P
PCI-Express Clock Generator IC, PLL Core, Dividers, Two Outputs
REV. 0
AD9573ARUZ AD-AD9573ARUZ Datasheet
297Kb / 12P
PCI-Express Clock Generator IC, PLL Core, Dividers, Two Outputs
REV. 0
AD9574 AD-AD9574 Datasheet
873Kb / 35P
Ethernet/Gigabit Ethernet Clock Generator
4/2017-Rev. A to Rev. B
More results


Similar Description - AD9572

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS6217-01 ETC-FS6217-01 Datasheet
18Kb / 1P
DUAL PLL CLOCK GENERATOR IC
FS6282 ETC1-FS6282 Datasheet
51Kb / 5P
DUAL PLL CLOCK GENERATOR IC
logo
Analog Devices
AD9511 AD-AD9511 Datasheet
1Mb / 60P
1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Five Outputs
6/05-Rev. 0 to Rev. A
AD9510 AD-AD9510 Datasheet
597Kb / 60P
1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Eight Outputs
5/05-Rev. 0 to Rev. A
logo
List of Unclassifed Man...
FS6284 ETC2-FS6284 Datasheet
58Kb / 4P
Dual PLL Clock Generator IC
logo
Analog Devices
AD9573 AD-AD9573 Datasheet
297Kb / 12P
PCI-Express Clock Generator IC, PLL Core, Dividers, Two Outputs
REV. 0
AD9571 AD-AD9571 Datasheet
367Kb / 20P
Ethernet Clock Generator, 10 Clock Outputs
REV. 0
AD9510 AD-AD9510_15 Datasheet
886Kb / 56P
1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Eight Outputs
REV. B
AD9511 AD-AD9511_15 Datasheet
1Mb / 60P
1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Five Outputs
REV. A
AD9510 AD-AD9510_16 Datasheet
1Mb / 56P
1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Eight Outputs
9/2016-Rev. B to Rev. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com