Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9571 Datasheet (PDF) - Analog Devices

AD9571 Datasheet PDF - Analog Devices
Part # AD9571
Download  AD9571 Download
File Size   367.5 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ethernet Clock Generator, 10 Clock Outputs

AD9571 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9571 Datasheet PDF - Analog Devices

Part # AD9571
Download  AD9571 Click to download

File Size   367.5 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ethernet Clock Generator, 10 Clock Outputs

AD9571 Datasheet (HTML) - Analog Devices


AD9571 Product details

GENERAL DESCRIPTION
The AD9571 provides a multioutput clock generator function comprising a dedicated PLL core that is optimized for Ethernet line card applications. The integer-N PLL design is based on the Analog Devices, Inc., proven portfolio of high performance, low jitter frequency synthesizers to maximize network performance. Other applications with demanding phase noise and jitter requirements also benefit from this part.

FEATURES
   Fully integrated VCO/PLL core
      0.17 ps rms jitter from 1.875 MHz to 20 MHz at 156.25 MHz
      0.41 ps rms jitter from 12 kHz to 20 MHz at 125 MHz
      Input crystal or clock frequency of 25 MHz
   Preset divide ratios for 156.25 MHz, 33.33 MHz,100 MHz, and
      125 MHz
   Choice of LVPECL or LVDS output format
   Integrated loop filter
   6 copies of reference clock output
   Rates configured via strapping pins
   Space saving 6 mm × 6 mm 40-lead LFCSP
   0.48 W power dissipation (LVDS operation)
   0.69 W power dissipation (LVPECL operation)
   3.3 V operation

APPLICATIONS
   Ethernet line cards, switches, and routers
   SCSI, SATA, and PCI-express
   PCI support included
   Low jitter, low phase noise clock generation




Similar Part No. - AD9571

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9572 AD-AD9572 Datasheet
421Kb / 20P
Fiber Channel/Ethernet Clock Generator IC, PLL Core, Dividers, 7 Clock Outputs
REV. 0
AD9572-EVALZ-LVD AD-AD9572-EVALZ-LVD Datasheet
421Kb / 20P
Fiber Channel/Ethernet Clock Generator IC, PLL Core, Dividers, 7 Clock Outputs
REV. 0
AD9572-EVALZ-PEC AD-AD9572-EVALZ-PEC Datasheet
421Kb / 20P
Fiber Channel/Ethernet Clock Generator IC, PLL Core, Dividers, 7 Clock Outputs
REV. 0
AD9572ACPZLVD AD-AD9572ACPZLVD Datasheet
421Kb / 20P
Fiber Channel/Ethernet Clock Generator IC, PLL Core, Dividers, 7 Clock Outputs
REV. 0
AD9572ACPZLVD-R7 AD-AD9572ACPZLVD-R7 Datasheet
421Kb / 20P
Fiber Channel/Ethernet Clock Generator IC, PLL Core, Dividers, 7 Clock Outputs
REV. 0
More results


Similar Description - AD9571

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9572 AD-AD9572 Datasheet
421Kb / 20P
Fiber Channel/Ethernet Clock Generator IC, PLL Core, Dividers, 7 Clock Outputs
REV. 0
AD9575 AD-AD9575 Datasheet
316Kb / 16P
Network Clock Generator, Two Outputs
REV. 0
logo
Cypress Semiconductor
CY24293 CYPRESS-CY24293 Datasheet
459Kb / 10P
Two Outputs PCI-Express Clock Generator
logo
Asahi Kasei Microsystem...
AK8146C AKM-AK8146C Datasheet
295Kb / 6P
Two Outputs Clock Generator
logo
Silicon Laboratories
SI51218 SILABS-SI51218 Datasheet
1Mb / 13P
THREE OUTPUTS FACTORY PROGRAMMABLE CLOCK GENERATOR
logo
Pericom Semiconductor C...
PI6LC48C51 PERICOM-PI6LC48C51 Datasheet
917Kb / 7P
Ethernet / SATA LVCMOS Clock Generator
PI6LC48H04 PERICOM-PI6LC48H04 Datasheet
1Mb / 11P
PCIe 3.0 and Ethernet Clock Generator with 4 HCSL Outputs
PI6LC4820 PERICOM-PI6LC4820 Datasheet
1Mb / 13P
HiFlex Ethernet Network Clock Generator
logo
Analog Devices
AD9574 AD-AD9574 Datasheet
873Kb / 35P
Ethernet/Gigabit Ethernet Clock Generator
4/2017-Rev. A to Rev. B
logo
Diodes Incorporated
PI6LC58S1101 DIODES-PI6LC58S1101 Datasheet
1Mb / 17P
11 Outputs HiFlex??Ethernet Network Clock Generator
March 2020
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com