Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9575 Datasheet (PDF) - Analog Devices

AD9575 Datasheet PDF - Analog Devices
Part # AD9575
Download  AD9575 Download
File Size   316.94 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Network Clock Generator, Two Outputs

AD9575 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9575 Datasheet PDF - Analog Devices

Part # AD9575
Download  AD9575 Click to download

File Size   316.94 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Network Clock Generator, Two Outputs

AD9575 Datasheet (HTML) - Analog Devices


AD9575 Product details

GENERAL DESCRIPTION
The AD9575 provides a highly integrated, dual output clock generator function including an on-chip PLL core that is optimized for network clocking. The integer-N PLL design is based on the Analog Devices, Inc., proven portfolio of high performance, low jitter frequency synthesizers to maximize line card performance. Other applications with demanding phase noise and jitter requirements also benefit from this part.

FEATURES
   Fully integrated VCO/PLL core
   0.39 ps rms jitter from 12 kHz to 20 MHz at 156.25 MHz
   0.15 ps rms jitter from 1.875 MHz to 20 MHz at 156.25 MHz
   0.40 ps rms jitter from 12 kHz to 20 MHz at 106.25 MHz
   0.15 ps rms jitter from 637 kHz to 10 MHz at 106.25 MHz
   Input crystal frequency of 19.44 MHz, 25 MHz, or
      25.78125 MHz
   Pin selectable divide ratios for 33.33 MHz, 62.5 MHz,
      100 MHz, 106.25 MHz, 125 MHz, 155.52 MHz, 156.25 MHz,
      159.375 MHz, 161.13 MHz, and 312.5 MHz outputs
   LVDS/LVPECL/LVCMOS output format
   Integrated loop filter
   Space saving 4.4 mm × 5.0 mm TSSOP
   100 mA power supply current (LVDS output)
   120 mA power supply current (LVPECL output)
   3.3 V operation

APPLICATIONS
   GbE/FC/SONET line cards, switches, and routers
   CPU/PCI-E applications
   Low jitter, low phase noise clock generation




Similar Part No. - AD9575

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9571 AD-AD9571 Datasheet
367Kb / 20P
Ethernet Clock Generator, 10 Clock Outputs
REV. 0
AD9572 AD-AD9572 Datasheet
421Kb / 20P
Fiber Channel/Ethernet Clock Generator IC, PLL Core, Dividers, 7 Clock Outputs
REV. 0
AD9572-EVALZ-LVD AD-AD9572-EVALZ-LVD Datasheet
421Kb / 20P
Fiber Channel/Ethernet Clock Generator IC, PLL Core, Dividers, 7 Clock Outputs
REV. 0
AD9572-EVALZ-PEC AD-AD9572-EVALZ-PEC Datasheet
421Kb / 20P
Fiber Channel/Ethernet Clock Generator IC, PLL Core, Dividers, 7 Clock Outputs
REV. 0
AD9572ACPZLVD AD-AD9572ACPZLVD Datasheet
421Kb / 20P
Fiber Channel/Ethernet Clock Generator IC, PLL Core, Dividers, 7 Clock Outputs
REV. 0
More results


Similar Description - AD9575

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9489 MAXIM-MAX9489 Datasheet
176Kb / 11P
Multiple-Output Network Clock Generator
Rev 0; 8/04
MAX3622 MAXIM-MAX3622 Datasheet
196Kb / 9P
Low-Jitter, Precision Clock Generator with Two Outputs
Rev 0; 11/07
logo
Analog Devices
AD9573 AD-AD9573 Datasheet
297Kb / 12P
PCI-Express Clock Generator IC, PLL Core, Dividers, Two Outputs
REV. 0
logo
Cypress Semiconductor
CY24293 CYPRESS-CY24293 Datasheet
459Kb / 10P
Two Outputs PCI-Express Clock Generator
logo
Silicon Laboratories
SI51210 SILABS-SI51210 Datasheet
150Kb / 12P
TWO OUTPUTS FACTORY PROGRAMMABLE CLOCK GENERATOR
logo
Asahi Kasei Microsystem...
AK8146C AKM-AK8146C Datasheet
295Kb / 6P
Two Outputs Clock Generator
logo
Pericom Semiconductor C...
PI6C557-10 PERICOM-PI6C557-10 Datasheet
378Kb / 6P
Network Clock Generator
PI6LC4820 PERICOM-PI6LC4820 Datasheet
1Mb / 13P
HiFlex Ethernet Network Clock Generator
PI6LC4830 PERICOM-PI6LC4830 Datasheet
1Mb / 11P
HiFlex Network Clock Generator
logo
Diodes Incorporated
PI6LC58S1101 DIODES-PI6LC58S1101 Datasheet
1Mb / 17P
11 Outputs HiFlex??Ethernet Network Clock Generator
March 2020
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com