Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9575 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9575
Description  Network Clock Generator, Two Outputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9575 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9575 Datasheet HTML 5Page - Analog Devices AD9575 Datasheet HTML 6Page - Analog Devices AD9575 Datasheet HTML 7Page - Analog Devices AD9575 Datasheet HTML 8Page - Analog Devices AD9575 Datasheet HTML 9Page - Analog Devices AD9575 Datasheet HTML 10Page - Analog Devices AD9575 Datasheet HTML 11Page - Analog Devices AD9575 Datasheet HTML 12Page - Analog Devices AD9575 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD9575
Rev. 0 | Page 9 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
–160
–155
–150
–145
–140
–135
–130
–125
–120
–115
–110
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
Figure 5. Phase Noise at LVPECL, 100 MHz Clock Output
–160
–155
–150
–145
–140
–135
–130
–125
–120
–115
–110
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
Figure 6. Phase Noise at LVPECL, 106.25 MHz Clock Output
–160
–155
–150
–145
–140
–135
–130
–125
–120
–115
–110
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
Figure 7. Phase Noise at LVPECL, 125 MHz Clock Output
–160
–155
–150
–145
–140
–135
–130
–125
–120
–115
–110
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
Figure 8. Phase Noise at LVPECL, 155.52 MHz Clock Output
–160
–155
–150
–145
–140
–135
–130
–125
–120
–115
–110
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
Figure 9. Phase Noise at LVPECL, 156.25 MHz Clock Output
–160
–155
–150
–145
–140
–135
–130
–125
–120
–115
–110
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
Figure 10. Phase Noise at LVPECL, 159.375 MHz Clock Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com