Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9575 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9575
Description  Network Clock Generator, Two Outputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9575 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9575 Datasheet HTML 8Page - Analog Devices AD9575 Datasheet HTML 9Page - Analog Devices AD9575 Datasheet HTML 10Page - Analog Devices AD9575 Datasheet HTML 11Page - Analog Devices AD9575 Datasheet HTML 12Page - Analog Devices AD9575 Datasheet HTML 13Page - Analog Devices AD9575 Datasheet HTML 14Page - Analog Devices AD9575 Datasheet HTML 15Page - Analog Devices AD9575 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AD9575
Rev. 0 | Page 13 of 16
3.3V
LVPECL
DIFFERENTIAL
(COUPLED)
3.3V
LVPECL
100Ω
0.1nF
0.1nF
200Ω
200Ω
Figure 19. LVPECL with Parallel Transmission Line
LVDS CLOCK DISTRIBUTION
The AD9575 is also available with low voltage differential
signaling (LVDS) outputs. LVDS uses a current mode output
stage with a factory programmed current level. The normal
value (default) for this current is 3.5 mA, which yields a 350 mV
output swing across a 100 Ω resistor. The LVDS outputs meet or
exceed all ANSI/TIA/EIA-644 specifications.
A recommended termination circuit for the LVDS outputs is
shown in Figure 20.
50Ω
50Ω
LVDS
LVDS
100Ω
Figure 20. LVDS Output Termination
See the AN-586 Application Note on the Analog Devices
website at www.analog.com for more information about LVDS.
LVCMOS CLOCK DISTRIBUTION
The AD9575 provides a 33.33 or 62.5 MHz clock output, which
is a dedicated LVCMOS level. Whenever single-ended LVCMOS
clocking is used, some of the following general guidelines
should be followed.
Point-to-point nets should be designed such that a driver has
one receiver only on the net, if possible. This allows for simple
termination schemes and minimizes ringing due to possible
mismatched impedances on the net. Series termination at the
source is generally required to provide transmission line
matching and/or to reduce current transients at the driver (see
Figure 21). The value of the resistor is dependent on the board
design and timing requirements (typically 10 Ω to 100 Ω is
used). LVCMOS outputs are limited in terms of the capacitive
load or trace length that they can drive. Typically, trace lengths
less than 6 inches are recommended to preserve signal rise/fall
times and preserve signal integrity.
10Ω
MICROSTRIP
GND
5pF
60.4Ω
1.0 INCH
CMOS
Figure 21. Series Termination of LVCMOS Output
Termination at the far end of the PCB trace is a second option.
The LVCMOS output of the AD9575 does not supply enough
current to provide a full voltage swing with a low impedance
resistive, far-end termination, as shown in Figure 22. The far-end
termination network should match the PCB trace impedance
and provide the desired switching point.
The reduced signal swing may still meet receiver input
requirements in some applications. This can be useful when
driving long trace lengths on less critical nets.
50Ω
10Ω
VPULLUP = 3.3V
LVCMOS
3pF
100Ω
100Ω
Figure 22. LVCMOS Output with Far-End Termination
TYPICAL APPLICATIONS
1
2
3
4
5
6
7
8
VDDA
VDDX
XO1
GNDA
GNDX
XO2
GNDA
VDDA
16
15
14
13
12
11
10
9
GND
LVDS/LVPECL OUT
LVDS/LVPECL OUT
CMOS OUT/SEL1
GND CMOS
VDD_CMOS
VDD
SEL0
AD9575
50Ω
RT =
100Ω
50Ω
1nF
0.1µF
0.1µF
0.1µF
VS
VS
VS
0.1µF
0.1µF
Cx
Cx
VS
VS
Figure 23. Typical Application (in LVDS configuration)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com