Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9575 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9575
Description  Network Clock Generator, Two Outputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9575 Datasheet(HTML) 3 Page - Analog Devices

  AD9575 Datasheet HTML 1Page - Analog Devices AD9575 Datasheet HTML 2Page - Analog Devices AD9575 Datasheet HTML 3Page - Analog Devices AD9575 Datasheet HTML 4Page - Analog Devices AD9575 Datasheet HTML 5Page - Analog Devices AD9575 Datasheet HTML 6Page - Analog Devices AD9575 Datasheet HTML 7Page - Analog Devices AD9575 Datasheet HTML 8Page - Analog Devices AD9575 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AD9575
Rev. 0 | Page 3 of 16
SPECIFICATIONS
Typical (typ) value is given for VDD = 3.3 V ± 10%, TA = 25°C, unless otherwise noted. Minimum (min) and maximum (max) values are
given over full VDD and TA (−40°C to +85°C) variation.
PLL CHARACTERISTICS
Table 1.
LVDS
LVCMOS
LVPECL
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
PHASE NOISE CHARACTERISTICS
PLL Noise (100 MHz Output)
At 1 kHz
−123
−122
dBc/Hz
At 10 kHz
−128
−129
dBc/Hz
At 100 kHz
−131
−131
dBc/Hz
At 1 MHz
−150
−151
dBc/Hz
At 10 MHz
−156
−158
dBc/Hz
At 30 MHz
−156
−158
dBc/Hz
PLL Noise (106.25 MHz Output)
At 1 kHz
−121
−121
dBc/Hz
At 10 kHz
−127
−128
dBc/Hz
At 100 kHz
−130
−130
dBc/Hz
At 1 MHz
−149
−150
dBc/Hz
At 10 MHz
−156
−158
dBc/Hz
At 30 MHz
−156
−159
dBc/Hz
PLL Noise (125 MHz Output)
At 1 kHz
−120
−120
dBc/Hz
At 10 kHz
−126
−127
dBc/Hz
At 100 kHz
−128
−129
dBc/Hz
At 1 MHz
−148
−150
dBc/Hz
At 10 MHz
−155
−157
dBc/Hz
At 30 MHz
−156
−158
dBc/Hz
PLL Noise (155.52 MHz Output)
At 1 kHz
−118
−118
dBc/Hz
At 10 kHz
−123
−123
dBc/Hz
At 100 kHz
−125
−125
dBc/Hz
At 1 MHz
−147
−149
dBc/Hz
At 10 MHz
−155
−157
dBc/Hz
At 30 MHz
−156
−157
dBc/Hz
PLL Noise (156.25 MHz Output)
At 1 kHz
−118
−118
dBc/Hz
At 10 kHz
−124
−125
dBc/Hz
At 100 kHz
−126
−127
dBc/Hz
At 1 MHz
−146
−148
dBc/Hz
At 10 MHz
−155
−157
dBc/Hz
At 30 MHz
−155
−157
dBc/Hz
PLL Noise (159.375 MHz Output)
At 1 kHz
−118
−118
dBc/Hz
At 10 kHz
−124
−125
dBc/Hz
At 100 kHz
−126
−126
dBc/Hz
At 1 MHz
−146
−147
dBc/Hz
At 10 MHz
−155
−156
dBc/Hz
At 30 MHz
−155
−157
dBc/Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com