Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9575 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9575
Description  Network Clock Generator, Two Outputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9575 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9575 Datasheet HTML 8Page - Analog Devices AD9575 Datasheet HTML 9Page - Analog Devices AD9575 Datasheet HTML 10Page - Analog Devices AD9575 Datasheet HTML 11Page - Analog Devices AD9575 Datasheet HTML 12Page - Analog Devices AD9575 Datasheet HTML 13Page - Analog Devices AD9575 Datasheet HTML 14Page - Analog Devices AD9575 Datasheet HTML 15Page - Analog Devices AD9575 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AD9575
Rev. 0 | Page 12 of 16
THEORY OF OPERATION
XTAL
OSC
PHASE
FREQUENCY
DETECTOR
CHARGE
PUMP
1/n
1/k
SEL
LVCMOS
CMOS OUT/SEL1
VDDA GNDA
VDDA GNDA
VDD_CMOS
GND_CMOS
SEL0
1/m
VLDO
2.5GHz TO
2.55GHz VCO
LVDS
100MHz
AD9575
LDO
LVDS/LVPECL OUT
LVDS/LVPECL OUT
Figure 16. Detailed Block Diagram
Figure 16 shows a block diagram of the AD9575. The chip
features a PLL core, which is configured to generate the specific
clock frequencies via pin programming. By appropriate connec-
tion of the select pins, SEL0 and SEL1, as described in Table 12,
the divide ratios of the feedback divider (n), LVDS output
divider (m), and LVCMOS output divider (k) can be programmed.
In Mode 1 and Mode 4, Pin 10 is configured as a LVCMOS
output by forcing Pin 16 to GND. In conjunction with a band-
select VCO that operates over the range of 2.488 GHz to 2.55 GHz,
a wide range of popular network reference frequencies can
be generated. This PLL is based on proven Analog Devices
synthesizer technology, noted for its exceptional phase noise
performance. The AD9575 is highly integrated and includes
the loop filter, a regulator for supply noise immunity, all the
necessary dividers, output buffers, and a crystal oscillator. A
user need only supply an external crystal to implement a
clocking solution, which does not require any processor
intervention.
PHASE FREQUENCY DETECTOR (PFD) AND
CHARGE PUMP
The PFD takes inputs from the reference clock and feedback
divider to produce an output proportional to the phase and
frequency difference between them. Figure 17 shows a
simplified schematic.
D1 Q1
CLR1
REFCLK
HIGH
UP
D2 Q2
CLR2
HIGH
DOWN
CP
CHARGE
PUMP
VP
GND
FEEDBACK
DIVIDER
Figure 17. PFD Simplified Schematic and Timing (in Lock)
POWER SUPPLY
The AD9575 requires a 3.3 V ± 10% power supply for VDD. The
Specifications section gives the performance expected from the
AD9575 with the power supply voltage within this range. The
absolute maximum range of −0.3 V to +3.6 V, with respect to
GND, must never be exceeded on the VDDX, VDD_CMOS,
and VDDA pins.
Good engineering practice should be followed in the layout of
power supply traces and the ground plane of the PCB. The
power supply should be bypassed on the PCB with adequate
capacitance (>10 μF). The AD9575 should be bypassed with
adequate capacitors (0.1 μF) at all power pins as close as
possible to the part. The layout of the AD9575 evaluation board
is a good example.
LVPECL CLOCK DISTRIBUTION
The LVPECL outputs (because they are open emitter) require a
dc termination to bias the output transistors. The simplified
equivalent circuit in Figure 19 shows the LVPECL output stage.
In most applications, a standard LVPECL far-end termination is
recommended, as shown in Figure 18. The resistor network is
designed to match the transmission line impedance (50 Ω) and
the desired switching threshold (1.3 V).
3.3V
50Ω
50Ω
SINGLE-ENDED
(NOT COUPLED)
3.3V
3.3V
LVPECL
127Ω
127Ω
83Ω
83Ω
VT = VDD – 1.3V
LVPECL
Figure 18. LVPECL Far-End Termination



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com