Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16240 Datasheet (PDF) - Analog Devices

ADIS16240 Datasheet PDF - Analog Devices
Part # ADIS16240
Download  ADIS16240 Download
File Size   447.95 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Power, Programmable Impact Sensor and Recorder

ADIS16240 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADIS16240 Datasheet PDF - Analog Devices

Part # ADIS16240
Download  ADIS16240 Click to download

File Size   447.95 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Power, Programmable Impact Sensor and Recorder

ADIS16240 Datasheet (HTML) - Analog Devices


ADIS16240 Product details

GENERAL DESCRIPTION
The ADIS16240 is a fully integrated digital shock detection and recorder system. It combines industry-leading iMEMS® technology with a signal processing solution that optimizes dynamic performance for low power applications. The triple-axis sensing element enables shock measurement in all directions, eliminating the need for additional sensors and complex mechanical structures for many applications. The digital serial peripheral interface (SPI) uses four wires and is compatible with most processor platforms. The SPI interface provides access to sensor data and a set of configuration registers that control such operational parameters as offset bias correction, sample rate, sleep mode, peak detection, and event capture.

FEATURES
   Digital triple-axis accelerometer, ±19 g
   Programmable event recorder
      Internal and external trigger inputs
      Automatic event data storage in nonvolatile flash
   Low power operation
      Sleep mode current: 100 µA
      Continuous sampling current: 1 mA, 1 kSPS
   Wake-up and record function
      External trigger input and SPI trigger command
   Peak acceleration sample-and-hold
   Peak XYZ sum-of-squares output
   1600 Hz (X, Y) and 550 Hz (Z) sensor bandwidth
   Digitally controlled sample rate, up to 4096 SPS
   Programmable alarms for condition monitoring
   Programmable digital input/output lines
      Data-ready output and alarm indicator output
   Real-time clock
   Digitally activated self-test
   Embedded temperature sensor
   Programmable power management
   SPI-compatible serial interface
   Auxiliary 10-bit ADC input
   Two analog trigger inputs with programmable threshold
   Single-supply operation: 2.4 V to 3.6 V
   >4000 g powered shock survivability

APPLICATIONS
   Crash or impact detection
   Condition monitoring of valuable goods
   Safety, shut-off sensing
   Impact event recording
   Security sensing and tamper detection




Similar Part No. - ADIS16240

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16240 AD-ADIS16240 Datasheet
1Mb / 12P
Evaluation Board User Guide
REV. B
ADIS16240PCBZ AD-ADIS16240PCBZ Datasheet
1Mb / 12P
Evaluation Board User Guide
REV. B
More results


Similar Description - ADIS16240

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCLAG665F UTC-UTCLAG665F Datasheet
67Kb / 5P
RADIO AND CASSETTE RECORDER CIRCUIT
UTCLAG668 UTC-UTCLAG668 Datasheet
184Kb / 8P
RADIO AND CASSETTE RECORDER CIRCUIT
logo
Texas Instruments
JBP28S42 TI-JBP28S42 Datasheet
3Mb / 26P
STANDARD AND LOW POWER PROGRAMMABLE READ ONLY MEMORIES
logo
List of Unclassifed Man...
XE2004 ETC1-XE2004 Datasheet
362Kb / 14P
Programmable low-power capacitive sensor conditioning IC
logo
Analog Devices
ADIS16204 AD-ADIS16204 Datasheet
156Kb / 9P
Programmable Dual Axis Digital Accelerometer and Impact Sensor
Aug-2006
ADIS16204 AD-ADIS16204_07 Datasheet
554Kb / 24P
Programmable High-g Digital Impact Sensor and Recorder
6/07-Revision 0
ADIS16204 AD-ADIS16204_15 Datasheet
707Kb / 24P
Programmable High-g Digital Impact Sensor and Recorder
REV. B
logo
Laird Tech Smart Techno...
ES58-17 LSTD-ES58-17 Datasheet
586Kb / 2P
Low end loading and low visual impact
logo
Rohm
BD3852MUZ-Z ROHM-BD3852MUZ-Z Datasheet
1Mb / 17P
Shock Sensor (Impact Sensor) IC
logo
Logic Fruit Technologie...
IF-RECORDER LFTECH-IF-RECORDER Datasheet
682Kb / 3P
IF RECORDER AND PLAYBACK SYSTEM
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com