Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0157 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MASWSS0157 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MASWSS0157
Download  MASWSS0157 Download
File Size   69.93 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description GaAs SPDT Switch DC - 2.5 GHz

MASWSS0157 Datasheet (PDF)

Go To PDF Page Download Datasheet
MASWSS0157 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MASWSS0157
Download  MASWSS0157 Click to download

File Size   69.93 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description GaAs SPDT Switch DC - 2.5 GHz

MASWSS0157 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MASWSS0157 Product details

Description
The MASWSS0157 is a GaAs MMIC SPDT switch in a lead-free SOIC 8-lead surface mount plastic package. This device is ideally suited for use where low power consumption is required.
Typical applications include transmit/receive switching, switch matrices and switched filter banks in systems such as radio and cellular equipment, PCM, GPS, fiber optic modules, and other battery powered radio equipment.

Features
• Very Low DC Power Consumption: 100 µW
• Low Insertion Loss: 0.5 dB
• High Isolation: 25 dB up to 2 GHz
• Very High Intercept Point: 45 dBm IP3
• Nanosecond Switching Speed
• Lead-Free SOIC-8 Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• 260°C Reflow Compatible
• RoHS* Compliant Version of the SW-239




Similar Part No. - MASWSS0157

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0157 MACOM-MASWSS0157 Datasheet
167Kb / 3P
GaAs SPDT Switch DC - 2.5 GHz
logo
M/A-COM Technology Solu...
MASWSS0157 MA-COM-MASWSS0157 Datasheet
105Kb / 4P
GaAs SPDT Switch DC - 2.5 GHz
MASWSS0157 MA-COM-MASWSS0157 Datasheet
615Kb / 5P
GaAs SPDT Switch
logo
Tyco Electronics
MASWSS0157SMB MACOM-MASWSS0157SMB Datasheet
167Kb / 3P
GaAs SPDT Switch DC - 2.5 GHz
logo
M/A-COM Technology Solu...
MASWSS0157SMB MA-COM-MASWSS0157SMB Datasheet
615Kb / 5P
GaAs SPDT Switch
More results


Similar Description - MASWSS0157

ManufacturerPart #DatasheetDescription
logo
Hexawave, Inc
HWS301 HW-HWS301 Datasheet
116Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS303 HW-HWS303 Datasheet
120Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS306 HW-HWS306 Datasheet
114Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS314 HW-HWS314 Datasheet
115Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS418 HW-HWS418 Datasheet
74Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS435 HW-HWS435 Datasheet
70Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS443 HW-HWS443 Datasheet
71Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
logo
M/A-COM Technology Solu...
MASWSS0157 MA-COM-MASWSS0157 Datasheet
105Kb / 4P
GaAs SPDT Switch DC - 2.5 GHz
logo
Hexawave, Inc
HWS443_V3 HW-HWS443_V3_15 Datasheet
59Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS418_V3 HW-HWS418_V3_15 Datasheet
56Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com