Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0161 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MASWSS0161 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MASWSS0161
Download  MASWSS0161 Download
File Size   134.66 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description High Power GaAs SPDT Switch DC - 2.0 GHz

MASWSS0161 Datasheet (PDF)

Go To PDF Page Download Datasheet
MASWSS0161 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MASWSS0161
Download  MASWSS0161 Click to download

File Size   134.66 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description High Power GaAs SPDT Switch DC - 2.0 GHz

MASWSS0161 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MASWSS0161 Product details

Description The MASWSS0161 is a GaAs MMIC SPDT switch in a lead free SOIC-8 lead surface mount plastic package. This device is ideally suited for use where low power consumption is required. Typical applications include transmit/receive switching, switch matrices and switched filter banks in systems such as radio and cellular equipment, PCM, GPS, fiber optic modules, and other battery powered radio equipment.
The MASWSS0161 is fabricated using a monolithic GaAs MMIC using a mature 1 micron process. The process features full chip passivation for increased performance and reliability.

Features
● Positive Supply and Control Voltages
● 1 dB Compression Point: 36 dBm @ 8 V
● 3rd Order Intercept Point: 65 dBm @ 8 V
● Low Insertion Loss: 0.4 dB
● Low Power Consumption: 100 µW
● Fast Switching Speed
● Lead-Free SOIC-8 Plastic Package
● Halogen-Free “Green” Mold Compound
● 260°C Re-flow Compatible
● RoHS* Compliant Version of SW-277




Similar Part No. - MASWSS0161

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0161 MACOM-MASWSS0161 Datasheet
167Kb / 3P
High Power GaAs SPDT Switch DC - 2.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0161 MA-COM-MASWSS0161 Datasheet
134Kb / 3P
High Power GaAs SPDT Switch DC - 2.0 GHz
MASWSS0161 MA-COM-MASWSS0161 Datasheet
667Kb / 4P
High Power GaAs SPDT Switch
MASWSS0161SMB MA-COM-MASWSS0161SMB Datasheet
667Kb / 4P
High Power GaAs SPDT Switch
logo
Tyco Electronics
MASWSS0161TR MACOM-MASWSS0161TR Datasheet
167Kb / 3P
High Power GaAs SPDT Switch DC - 2.0 GHz
More results


Similar Description - MASWSS0161

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWS5518 ANADIGICS-AWS5518 Datasheet
105Kb / 8P
GaAs IC SPDT Reflective Switch DC-2.0 GHz
Rev 1.0
logo
Tyco Electronics
MASWSS0161 MACOM-MASWSS0161 Datasheet
167Kb / 3P
High Power GaAs SPDT Switch DC - 2.0 GHz
MASWSS0179 MACOM-MASWSS0179 Datasheet
170Kb / 3P
3 V GaAs SPDT Switch DC - 2.0 GHz
logo
Hexawave, Inc
HWS421 HW-HWS421 Datasheet
70Kb / 2P
GaAs DC-2.0 GHz SPDT High Power Switch
HWS2152 HW-HWS2152 Datasheet
116Kb / 2P
GaAs DC-2.0 GHz SPDT Switch
HWS2352 HW-HWS2352 Datasheet
107Kb / 2P
GaAs DC-2.0 GHz SPDT Terminated Switch
HWS2702 HW-HWS2702 Datasheet
115Kb / 2P
GaAs DC-2.0 GHz SPDT Switch
logo
M/A-COM Technology Solu...
SW-277 MA-COM-SW-277 Datasheet
136Kb / 3P
High Power GaAs SPDT Switch DC - 2.0 GHz
MASWSS0161 MA-COM-MASWSS0161 Datasheet
134Kb / 3P
High Power GaAs SPDT Switch DC - 2.0 GHz
logo
Hexawave, Inc
HWS421_V3 HW-HWS421_V3_15 Datasheet
58Kb / 2P
GaAS DC-2.0 GHz SPDT High Power Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com