Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-277 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

SW-277 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # SW-277
Download  SW-277 Download
File Size   136.7 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description High Power GaAs SPDT Switch DC - 2.0 GHz

SW-277 Datasheet (PDF)

Go To PDF Page Download Datasheet
SW-277 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # SW-277
Download  SW-277 Click to download

File Size   136.7 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description High Power GaAs SPDT Switch DC - 2.0 GHz

SW-277 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


SW-277 Product details

Description
M/A-COM’s SW-277 is a GaAs MMIC SPDT switch in a SOIC-8 lead surface mount plastic package. The SW-277 is ideally suited for use where low power consumption is required.
Typical applications include transmit/receive switching, switch matrices and switched filter banks in systems such as radio and cellular equipment, PCM, GPS, fiber optic modules, and other battery powered radio equipment.
The SW-277 is fabricated using a monolithic GaAs MMIC using a mature 1 micron process. The process features full chip passivation for increased performance and reliability.

Features
• Positive Supply and Control Voltages
• 1 dB Compression Point: +36 dBm Typical, 8 V
• 3rd Order Intercept Point: +65 dBm Typical, 8 V
• Low Insertion Loss: 0.4 dB Typical
• Low Power Consumption: 100 µW
• Fast Switching Speed




Similar Part No. - SW-277

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-277 MACOM-SW-277 Datasheet
29Kb / 2P
High Power GaAs SPDT Switch DC - 2.5 GHz
logo
M/A-COM Technology Solu...
SW-277 MA-COM-SW-277 Datasheet
87Kb / 4P
Drivers for GaAs FET Switches and Digital Attenuators
logo
Tyco Electronics
SW-277PIN MACOM-SW-277PIN Datasheet
29Kb / 2P
High Power GaAs SPDT Switch DC - 2.5 GHz
SW-277RTR MACOM-SW-277RTR Datasheet
29Kb / 2P
High Power GaAs SPDT Switch DC - 2.5 GHz
SW-277TR MACOM-SW-277TR Datasheet
29Kb / 2P
High Power GaAs SPDT Switch DC - 2.5 GHz
More results


Similar Description - SW-277

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWS5518 ANADIGICS-AWS5518 Datasheet
105Kb / 8P
GaAs IC SPDT Reflective Switch DC-2.0 GHz
Rev 1.0
logo
Tyco Electronics
MASWSS0161 MACOM-MASWSS0161 Datasheet
167Kb / 3P
High Power GaAs SPDT Switch DC - 2.0 GHz
MASWSS0179 MACOM-MASWSS0179 Datasheet
170Kb / 3P
3 V GaAs SPDT Switch DC - 2.0 GHz
logo
Hexawave, Inc
HWS421 HW-HWS421 Datasheet
70Kb / 2P
GaAs DC-2.0 GHz SPDT High Power Switch
HWS2152 HW-HWS2152 Datasheet
116Kb / 2P
GaAs DC-2.0 GHz SPDT Switch
HWS2352 HW-HWS2352 Datasheet
107Kb / 2P
GaAs DC-2.0 GHz SPDT Terminated Switch
HWS2702 HW-HWS2702 Datasheet
115Kb / 2P
GaAs DC-2.0 GHz SPDT Switch
logo
M/A-COM Technology Solu...
MASWSS0161 MA-COM-MASWSS0161 Datasheet
134Kb / 3P
High Power GaAs SPDT Switch DC - 2.0 GHz
MASWSS0161 MA-COM-MASWSS0161 Datasheet
134Kb / 3P
High Power GaAs SPDT Switch DC - 2.0 GHz
logo
Hexawave, Inc
HWS421_V3 HW-HWS421_V3_15 Datasheet
58Kb / 2P
GaAS DC-2.0 GHz SPDT High Power Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com