Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-277 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # SW-277
Description  High Power GaAs SPDT Switch DC - 2.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SW-277 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  SW-277 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SW-277 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SW-277 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
High Power GaAs SPDT Switch
DC - 2.0 GHz
Rev. V6
SW-277
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Positive Supply and Control Voltages
• 1 dB Compression Point: +36 dBm Typical, 8 V
• 3rd Order Intercept Point: +65 dBm Typical, 8 V
• Low Insertion Loss: 0.4 dB Typical
• Low Power Consumption: 100 µW
• Fast Switching Speed
Description
M/A-COM’s SW-277 is a GaAs MMIC SPDT switch
in a SOIC-8 lead surface mount plastic package.
The SW-277 is ideally suited for use where low
power consumption is required.
Typical
applications
include transmit/receive
switching, switch matrices and switched filter banks
in systems such as radio and cellular equipment,
PCM, GPS, fiber optic modules, and other battery
powered radio equipment.
The SW-277 is fabricated using a monolithic GaAs
MMIC using a mature 1 micron process. The
process features full chip passivation for increased
performance and reliability.
Ordering Information
1
Part Number
Package
SW-277
Bulk Packaging
SW-277TR
1000 piece reel
1. Reference Application Note M513 for reel size information.
Absolute Maximum Ratings
4,5
Parameter
Absolute Maximum
Input Power - 0.5 - 2.0 GHz
5 V Control and Supply
8 V Control and Supply
10 V Control and Supply
+37 dBm
+40 dBm
+42 dBm
Power Dissipation
1.0 W
Supply Voltage
-1 V ≤ VDD ≤ + 12 V
Control Voltage
-1 V ≤ VC ≤ VDD + 0.2 V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Thermal Resistance6
θjc = 87°C/W
4. Exceeding any one or combination of these limits may cause
permanent damage to this device.
5. M/A-COM does not recommend sustained operation near
these survivability limits.
6. Thermal resistance is given for TA = 25°C. TCASE is the
temperature of leads 1 and 4.
Functional Schematic
Pin No.
Description
Pin No.
Description
1
Ground, Thermal
Contact
5
RF Port 13
2
VDD
6
Control A
3
RFC3
7
Control B
4
Ground, Thermal
Contact
8
RF Port 23
Pin Configuration
3. External DC blocking capacitors required on all RF ports.
Control
Inputs
A
B
RF1
RF2
1
0
Off
On
0
1
On
Off
Condition of Switch
RF Common to Each RF Port
Truth Table
2
2.
“0” = 0 to +0.2 V @ 20
μA maximum.
“1” = +5 V @ 20
μA typical to 10 V @ 500 μA maximum.


Similar Part No. - SW-277

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-277 MACOM-SW-277 Datasheet
29Kb / 2P
High Power GaAs SPDT Switch DC - 2.5 GHz
logo
M/A-COM Technology Solu...
SW-277 MA-COM-SW-277 Datasheet
87Kb / 4P
Drivers for GaAs FET Switches and Digital Attenuators
logo
Tyco Electronics
SW-277PIN MACOM-SW-277PIN Datasheet
29Kb / 2P
High Power GaAs SPDT Switch DC - 2.5 GHz
SW-277RTR MACOM-SW-277RTR Datasheet
29Kb / 2P
High Power GaAs SPDT Switch DC - 2.5 GHz
SW-277TR MACOM-SW-277TR Datasheet
29Kb / 2P
High Power GaAs SPDT Switch DC - 2.5 GHz
More results

Similar Description - SW-277

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWS5518 ANADIGICS-AWS5518 Datasheet
105Kb / 8P
GaAs IC SPDT Reflective Switch DC-2.0 GHz
Rev 1.0
logo
Tyco Electronics
MASWSS0161 MACOM-MASWSS0161 Datasheet
167Kb / 3P
High Power GaAs SPDT Switch DC - 2.0 GHz
MASWSS0179 MACOM-MASWSS0179 Datasheet
170Kb / 3P
3 V GaAs SPDT Switch DC - 2.0 GHz
logo
Hexawave, Inc
HWS421 HW-HWS421 Datasheet
70Kb / 2P
GaAs DC-2.0 GHz SPDT High Power Switch
HWS2152 HW-HWS2152 Datasheet
116Kb / 2P
GaAs DC-2.0 GHz SPDT Switch
HWS2352 HW-HWS2352 Datasheet
107Kb / 2P
GaAs DC-2.0 GHz SPDT Terminated Switch
HWS2702 HW-HWS2702 Datasheet
115Kb / 2P
GaAs DC-2.0 GHz SPDT Switch
logo
M/A-COM Technology Solu...
MASWSS0161 MA-COM-MASWSS0161 Datasheet
134Kb / 3P
High Power GaAs SPDT Switch DC - 2.0 GHz
MASWSS0161 MA-COM-MASWSS0161 Datasheet
134Kb / 3P
High Power GaAs SPDT Switch DC - 2.0 GHz
logo
Hexawave, Inc
HWS421_V3 HW-HWS421_V3_15 Datasheet
58Kb / 2P
GaAS DC-2.0 GHz SPDT High Power Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com