Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-277TR Datasheet (PDF) - Tyco Electronics

SW-277TR Datasheet PDF - Tyco Electronics
Part # SW-277TR
Download  SW-277TR Download
File Size   29.85 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description High Power GaAs SPDT Switch DC - 2.5 GHz

SW-277TR Datasheet (PDF)

Go To PDF Page Download Datasheet
SW-277TR Datasheet PDF - Tyco Electronics

Part # SW-277TR
Download  SW-277TR Click to download

File Size   29.85 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description High Power GaAs SPDT Switch DC - 2.5 GHz

SW-277TR Datasheet (HTML) - Tyco Electronics


SW-277TR Product details

Description
M/A-COM’s SW-277 is a GaAs MMIC SPDT switch in a low cost SOIC 8-lead surface mount plastic package. The SW-277 is ideally suited for use where very low power consumption is required. Typical applications include transmit/receive switching, switch matrices, and filter banks in systems such as: radio and cellular equipment, PCM, GPS, fiber optic modules, and other battery powered radio equipment

Features
• Positive Supply and Control Voltages
• +36 dBm Typ. 1 dB Compression Point, 8V Supply
• +65 dBm Typ. 3rd Order Intercept Point, 8V Supply
• Low Insertion Loss: 0.4 dB Typical
• Low Power Consumption: 100 µW
• Fast Switching Speed
• Tape and Reel Packaging Available1




Similar Part No. - SW-277TR

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
SW-277TR MA-COM-SW-277TR Datasheet
136Kb / 3P
High Power GaAs SPDT Switch DC - 2.0 GHz
More results


Similar Description - SW-277TR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-279 MACOM-SW-279 Datasheet
29Kb / 2P
High Power GaAs SPDT Switch DC - 2.5 GHz
logo
Hexawave, Inc
HWS301 HW-HWS301 Datasheet
116Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS303 HW-HWS303 Datasheet
120Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS306 HW-HWS306 Datasheet
114Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS314 HW-HWS314 Datasheet
115Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS341 HW-HWS341 Datasheet
94Kb / 2P
GaAs DC-2.5 GHz SPDT High Power Switch
HWS418 HW-HWS418 Datasheet
74Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS435 HW-HWS435 Datasheet
70Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS443_V3 HW-HWS443_V3_15 Datasheet
59Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS418_V3 HW-HWS418_V3_15 Datasheet
56Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com